Electronic Components Datasheet Search
  English  ▼

X  

MS6901 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6901
Description  Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6901 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6901_1 Datasheet HTML 1Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6901_1 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MOSA
MS6901
Mono 1.1W Power Amplifier with Shutdown Selection
REV 1
5/9
www.mosanalog.com
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage
VIN=0V
No load
APPLICATION INFORMATION
Basic application example
A2
-
+
-IN
Vo1
+IN
A1
-
+
2
4
5
10
Vo2
6
0.39uF
20k
V
IN
R
I
MCU
1uF
20k
R
F
R
L
8Ω
SD Mode
BP
SD
Bias
control
GND
3
7, 9
8
1uF
1
V
DD
V
DD
100k
-
+
Fig.1
A audio amplifier application circuit.
External gain-setting
As shown in Fig.1, The amplifier A1 is independent amplifiers with an externally configured gain of AV = - RF/RI. The
amplifier A2 is a closed-loop gain of AV = -1 fixed by two internal resistors. The outputs of A1 and A2 are used to drive
the mono bridged-tied load (BTL).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com