Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 3Page - Dallas Semiconductor DS89C430 Datasheet HTML 4Page - Dallas Semiconductor DS89C430 Datasheet HTML 5Page - Dallas Semiconductor DS89C430 Datasheet HTML 6Page - Dallas Semiconductor DS89C430 Datasheet HTML 7Page - Dallas Semiconductor DS89C430 Datasheet HTML 8Page - Dallas Semiconductor DS89C430 Datasheet HTML 9Page - Dallas Semiconductor DS89C430 Datasheet HTML 10Page - Dallas Semiconductor DS89C430 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Micrcontrollers
7 of 46
Note 15:
The clock divide and crystal multiplier control bits in the PMR register determine the system clock frequency and the minimum/
maximum external clock speed. The term “1/tCLCL” used in the AC Characteristics variable timing table is determined from the
following table. The minimum/maximum external clock speed columns clarify that [(external clock speed) x (multipliers)] cannot
exceed the rated speed of the device. In addition, the use of the crystal multiplier feature establishes a minimum external speed.
External Clock Speed
4X/
2X
CD1
CD0
Number of External Clock
Cycles per System Clock
(1/tCLCL)
Min
Max
1
0
0
1/4
5MHz
8.25MHz
0
0
0
1/2
10MHz
16.5MHz
X
0
1
Reserved
—
—
X
1
0
1
See AC Characteristics
See AC Characteristics
X
1
1
1024
See AC Characteristics
See AC Characteristics
Note 16: External MOVX instruction times are dependent upon the setting of the MD2, MD1, and MD0 bits in the clock control register. The
terms “tSTC1, tSTC2, tSTC3” used in the variable timing table above are calculated through the use of the table given below.
MD2
MD1
MD0
MOVX Instruction Time
tSTC1
tSTC2
tSTC3
tSTC4
tSTC5
0
0
0
2 Machine Cycles
0 tCLCL
0 tCLCL
0 tCLCL
0 tCLCL
0 tCLCL
0
0
1
3 Machine Cycles
2 tCLCL
1 tCLCL
0 tCLCL
0 tCLCL
1 tCLCL
0
1
0
4 Machine Cycles
6 tCLCL
1 tCLCL
0 tCLCL
0 tCLCL
1 tCLCL
0
1
1
5 Machine Cycles
10 tCLCL
1 tCLCL
0 tCLCL
0 tCLCL
1 tCLCL
1
0
0
6 Machine Cycles
14 tCLCL
5 tCLCL
4 tCLCL
1 tCLCL
1 tCLCL
1
0
1
7 Machine Cycles
18 tCLCL
5 tCLCL
4 tCLCL
1 tCLCL
1 tCLCL
1
1
0
8 Machine Cycles
22 tCLCL
5 tCLCL
4 tCLCL
1 tCLCL
1 tCLCL
1
1
1
9 Machine Cycles
26 tCLCL
5 tCLCL
4 tCLCL
1 tCLCL
1 tCLCL
Note 17: Maximum load capacitance (to meet the above timing) for Port 0, ALE,
PSEN, WR, and RD is limited to 60pF. XTAL1 and XTAL2 load
capacitance are dependent upon the frequency of the selected crystal.
Figure 1. Nonpage Mode Timing
ALE
Port 0
Port 2
LSB
DATA
XTAL1
PSEN
RD
MSB
MSB
MSB
MSB
MSB
WR
LSB
LSB
LSB
LSB
DATA
MOVX
MOVX
OPCODE
tCLCL
tAVLL2
tLHLL
tWLWH
tLLAX2
tLLWL
tLLPL
tLLAX
tLLIV
tAVIV0
tPXIX
tPLPH
tPLIV
tAVLL3
tLLAX3
tRLRH
tPLAZ
tWHLH
tWHQX
tQVWX
tAVIV2
tAVDV2
tAVWL2
tPXIZ
tAVLL
tLLDV
tAVDV0
tRHDX
tRHDZ
tRLDV
tAVWL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com