Electronic Components Datasheet Search
  English  ▼

X  

DS600U Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS600U
Description  ±0.5 Accurate Analog-Output Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS600U Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS600U Datasheet HTML 1Page - Maxim Integrated Products DS600U Datasheet HTML 2Page - Maxim Integrated Products DS600U Datasheet HTML 3Page - Maxim Integrated Products DS600U Datasheet HTML 4Page - Maxim Integrated Products DS600U Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS600 ±0.5°C Accurate Analog-Output Temperature Sensor
3 of 5
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VDD
Supply Voltage.
2.7V to 5.5V
2
TO
Active-High Thermostat Output.
Open-drain output transitions from low to high when the output
voltage exceeds VTH. In shutdown mode, (SD = 1), TO is low.
3
TO
Active-Low Thermostat Output.
Open-drain output transitions from high to low when the output
voltage exceeds VTH. In shutdown mode, (SD = 1), TO is high.
4
VOUT
Temperature Output.
Outputs a voltage that is proportional to the die temperature in degrees
centigrade. In shutdown mode, this pin goes high-Z.
5
VTH
Thermostat Trip Voltage.
User-selectable voltage that sets the thermostat trip-point temperature.
TO and
TO are asserted when VOUT crosses this voltage. (No on-chip hysteresis is present).
6
SD
Shutdown.
Power consumption and thermal sensor function are controlled through SD. This pin
functions as an active-high input pin. Driving this pin high puts the device in a low-power state and
discontinues thermal sensing.
7
CTG
Must be connected to GND.
8
GND
Ground.
PAD
PAD.
Connect to GND or float. DO NOT CONNECT TO SUPPLY. The exposed pad is the best
way to conduct temperature into the package. Connecting PAD to a ground plane can assist in
properly measuring the temperature of the circuit board.
Figure 1. Block Diagram
TEMPERATURE MEASUREMENT
The DS600 analog temperature sensor measures it own temperature and provides these measurements to the
user in the form of an output voltage, VOUT, that is proportional to degrees centigrade. The output voltage
characteristic is factory-calibrated for a typical output gain (
ΔV/ΔT) of +6.45mV/°C and a DC offset (VOS) of 509mV.
Its operating temperature range is -40°C to +125°C, corresponding to an output voltage range of 251mV to
1315mV. (VOUT = Device Temperature (°C) x ΔV/ΔT + VOS). The DS600 has ±0.5°C accuracy over a -20°C to
+100°C temperature range and over the full 2.7V to 5.5V voltage range. Because the output voltage is positive for
the entire temperature range, there is no need for a negative supply.
Figure 2 shows the output voltage characteristic for the DS600.
TEMPERATURE
SENSOR
VOUT
VTH
TO
TO
SD
VDD
GND
CONTROL
LOGIC
LEVEL-SHIFT
BUFFER
THERMOSTAT
COMPARATOR
2.7V to 5.5V
DS600



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com