Electronic Components Datasheet Search
  English  ▼

X  

DS1090 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1090
Description  Low-Frequency, Spread-Spectrum EconOscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1090 Datasheet HTML 1Page - Maxim Integrated Products DS1090 Datasheet HTML 2Page - Maxim Integrated Products DS1090 Datasheet HTML 3Page - Maxim Integrated Products DS1090 Datasheet HTML 4Page - Maxim Integrated Products DS1090 Datasheet HTML 5Page - Maxim Integrated Products DS1090 Datasheet HTML 6Page - Maxim Integrated Products DS1090 Datasheet HTML 7Page - Maxim Integrated Products DS1090 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Frequency, Spread-Spectrum
EconOscillator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to Ground ...........-0.5V to +6.0V
Voltage Range on Input Pins
Relative to Ground.................................-0.5V to (VCC + 0.5V),
not to exceed 6.0V
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
3.0
5.5
V
Input Logic 1 (J0, J1, JC0, JC1)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (J0, J1, JC0, JC1)
VIL
-0.3
+0.3 x
VCC
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CL = 15pF, VCC = 3.3V, RSET = 40k
Ω
1.4
Supply Current
ICC
CL = 15pF, VCC = 5.5V, RSET = 40k
Ω
1.7
3
mA
IOH = -4mA
High-Level Output Voltage (OUT)
VOH
VCC = min
2.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
High-Level Input Current
(J0, J1, JC0, JC1)
IIH
VIH = VCC
+1.0
µA
Low-Level Input Current
(J0, J1, JC0, JC1)
IIL
VIL = 0V
-1.0
µA
Resistor Current
IRES
VCC = max
150
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com