Electronic Components Datasheet Search
  English  ▼

X  

PC9D10 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC9D10
Description  Ultra-high Speed Response, 2-channel OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D10 Datasheet(HTML) 1 Page - Sharp Corporation

  PC9D10 Datasheet HTML 1Page - Sharp Corporation PC9D10 Datasheet HTML 2Page - Sharp Corporation PC9D10 Datasheet HTML 3Page - Sharp Corporation PC9D10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Features
s Applications
s Absoulte Maximum Ratings
(Ta = 25˚C )
s Outline Dimensions
( Unit : mm)
1. Built-in 2-channel
( tPHL , t PLH
1. Computer perpherals high speed interface
for microcomputer systems
2. High speed line recievers
3. Digital audio equipment
2. Ultra-high speed response
3. Isolation voltage between input and output
ISO
*1 Ta = 0 to 70˚C
*2 Each channel
*3 For 1 minute max.
*4 AC for 1 minute, 40 to 60% RH. Apply the specified voltage between the whole of the electrode pins on the input
side and the whole of the electrode pins on the output side.
*5 2mm or more away from the lead base for 10 seconds or less
PC9D10
PC9D10
θ
Internal connection
diagram
12
3
4
5
6
7
8
1234
5
6
7
8
1 4 Anode
2 3 Cathode
5 GND
PC9D10
*Output sides are open collector.
4. Low input current drive ( IFHL : MAX. 5mA )
6. Recognized by UL. file No. 64380
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Parameter
Symbol
Rating
Unit
Input
*1 *2Forward current
IF
15
mA
*2Reverse voltage
V R
5V
Power dissipation
P
40
mW
Output
*3Supply voltage
V CC
7V
*2
V OH
7V
*2
IOL
16
mA
P C
60
mW
*4 Isolation voltage
V iso
Operating temperature
T opr
0 to + 70
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*5Soldering temperature
T sol
260
˚C
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
Ultra-high Speed Response,
2-channel OPIC Photocoupler
4. Interface with various data transfer equipment
voltage (CMH : TYP. 500V/
µ s)
: TYP. 50ns at RL= 350
Ω )
5. Instantaneous common mode rejection
High level output voltage
Low level output current
Collector power dissipation
*1 *2
Primary side mark
(Sunken place)
( V
2 500
: 2 500Vrms )
V rms
6 V 02
7 V 01
8 VCC
θ : 0 to 13 ˚
2.54 ± 0.25
0.8 ± 0.2
0.85 ± 0.3
1.2 ± 0.3
9.22 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1


Similar Part No. - PC9D10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC9D17 SHARP-PC9D17 Datasheet
65Kb / 5P
High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
More results

Similar Description - PC9D10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
Ultra-high Speed Response and High CMR OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC9D17 SHARP-PC9D17 Datasheet
65Kb / 5P
High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com