Electronic Components Datasheet Search
  English  ▼

X  

DS1314 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1314
Description  3V Nonvolatile Controller with Lithium Battery Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1314 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1314 Datasheet HTML 3Page - Dallas Semiconductor DS1314 Datasheet HTML 4Page - Dallas Semiconductor DS1314 Datasheet HTML 5Page - Dallas Semiconductor DS1314 Datasheet HTML 6Page - Dallas Semiconductor DS1314 Datasheet HTML 7Page - Dallas Semiconductor DS1314 Datasheet HTML 8Page - Dallas Semiconductor DS1314 Datasheet HTML 9Page - Dallas Semiconductor DS1314 Datasheet HTML 10Page - Dallas Semiconductor DS1314 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS1314
11 of 11
DATA SHEET REVISION SUMMARY
The following represent the key differences between 12/16/96 and 06/12/97 version of the DS1314 data
sheet. Please review this summary carefully.
1.
Changed VBAT max to 6V.
2.
Changed VCCTP values to 2.8 - 3.0V (TOL = GND) and 2.5 - 2.7V (TOL = VCC).
3.
Changed tBABW from 7s to 1s max.
4.
Changed block diagram to show U L compliance.
The following represent the key differences between 06/12/97 and 08/29/97 version of the DS1314 data
sheet. Please review this summary carefully.
1.
Changed AC test conditions.
2.
Changed tPD to 20 max & 12 typ.
The following represent the key differences between 08/29/97 and 12/16/97 version of the DS1314 data
sheet. Please review this summary carefully.
1.
Changed VCCI mins from 3.05V to 3.0V (TOL=GND) and from 275V to 2.7V (TOL=VCCD) (this
should have been done on 06/12/97 revision but was overlooked).
2.
Specified Input Capacitance as being only for CEI , TOL and Output Capacitance as being only for
CEO
, BW and RST . This is not a change but rather clarification.
3.
Removed “preliminary” from title bar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com