Electronic Components Datasheet Search
  English  ▼

X  

DS1330AB Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1330AB
Description  256k Nonvolatile SRAM with Battery Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1330AB Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1330AB Datasheet HTML 2Page - Dallas Semiconductor DS1330AB Datasheet HTML 3Page - Dallas Semiconductor DS1330AB Datasheet HTML 4Page - Dallas Semiconductor DS1330AB Datasheet HTML 5Page - Dallas Semiconductor DS1330AB Datasheet HTML 6Page - Dallas Semiconductor DS1330AB Datasheet HTML 7Page - Dallas Semiconductor DS1330AB Datasheet HTML 8Page - Dallas Semiconductor DS1330AB Datasheet HTML 9Page - Dallas Semiconductor DS1330AB Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1330Y/AB
9 of 10
9. Each DS1330 has a built-in switch that disconnects the lithium source until the user first applies VCC.
The expected tDR is defined as accumulative time in the absence of VCC starting from the time power
is first applied by the user. This parameter is assured by component selection, process control, and
design. It is not measured directly during production testing.
10. All AC and DC electrical characteristics are valid over the full operating temperature range. For
commercial products, this range is 0
°C to +70°C. For industrial products (IND), this range is -40°C to
+85
°C.
11. In a power-down condition the voltage on any pin may not exceed the voltage on VCC.
12. tWR1 and tDH1 are measured from WE going high.
13. tWR2 and tDH2 are measured from CE going high.
14. RST and BW are open drain outputs and cannot source current. External pull-up resistors should be
connected to these pins for proper operation. Both pins will sink 10mA.
15. DS1330 modules are recognized by Underwriters Laboratories (UL) under file E99151.
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs Open
Output Load: 100 pF + 1TTL Gate
Cycle = 200ns for operating current
Input Pulse Levels: 0 – 3.0V
All voltages are referenced to ground
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5ns
ORDERING INFORMATION
PART
TEMP RANGE
SUPPLY
TOLERANCE
PIN-PACKAGE
DS1330ABP-70+
0°C to +70°C
5V
± 5%
34 PCAP*
DS1330ABP-70IND+
-40°C to +85°C
5V
± 5%
34 PCAP*
DS1330YP-70+
0°C to +70°C
5V
± 10%
34 PCAP*
DS1330YP-70IND+
-40°C to +85°C
5V
± 10%
34 PCAP*
+Denotes a lead(Pb)-free/RoHS-compliant package.
*DS9034PC+ or DS9034PCI+ (PowerCap) required. Must be ordered separately.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a
different suffix character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND
PATTERN NO.
34 PCAP
PC2+4
21-0246
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com