Electronic Components Datasheet Search
  English  ▼

X  

DS1982 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1982
Description  1Kb Add-Only iButton
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1982 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1982 Datasheet HTML 1Page - Maxim Integrated Products DS1982 Datasheet HTML 2Page - Maxim Integrated Products DS1982 Datasheet HTML 3Page - Maxim Integrated Products DS1982 Datasheet HTML 4Page - Maxim Integrated Products DS1982 Datasheet HTML 5Page - Maxim Integrated Products DS1982 Datasheet HTML 6Page - Maxim Integrated Products DS1982 Datasheet HTML 7Page - Maxim Integrated Products DS1982 Datasheet HTML 8Page - Maxim Integrated Products DS1982 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SPECIAL FEATURES
 1024 bits Electrically Programmable Read-
Only Memory (EPROM) communicates with
the economy of one signal plus ground
 EPROM partitioned into four 256-bit pages for
randomly accessing packetized data
 Each memory page can be permanently write-
protected to prevent tampering
 Device is an “add only” memory where
additional data can be programmed into
EPROM without disturbing existing data
 Architecture allows software to patch data by
superseding an old page in favor of a newly
programmed page
 Reduces control, address, data, power, and
programming signals to a single data pin
 8-bit family code specifies DS1982
communications requirements to reader
 Reads over a wide voltage range of 2.8V to
6.0V from -40°C to +85°C; programs at 11.5V
to 12.0V from -40°C to +50°C
ORDERING INFORMATION
DS1982-F3+
F3 MicroCan
DS1982-F5+
F5 MicroCan
+Denotes a lead(Pb)-free/RoHS-compliant product.
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-In Fob
DS9092
iButton Probe
F3 MicroCan
COMMON iButton FEATURES
 Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
 Multidrop controller for MicroLAN
 Digital identification and information by
momentary contact
 Chip-based data carrier compactly stores
information
 Data can be accessed while affixed to object
 Economically communicates to bus master
with a single digital signal at 16.3kbps
 Standard 16mm diameter and 1-Wire® protocol
ensure compatibility with iButton® family
 Button shape is self-aligning with cup-shaped
probes
 Durable stainless steel case engraved with
registration number withstands harsh
environments
 Easily affixed with self-stick adhesive backing,
latched by its flange, or locked with a ring
pressed onto its rim
 Presence detector acknowledges when reader
first applies voltage
F5 MicroCan
DS1982
1Kb Add-Only iButton
19-4891; Rev 8/09
iButton and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.
Page 1 of 24


Similar Part No. - DS1982

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1982-F3 DALLAS-DS1982-F3 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1982-F5 DALLAS-DS1982-F5 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
More results

Similar Description - DS1982

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
64-kbits Add-Only iButton?
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com