Electronic Components Datasheet Search
  English  ▼

X  

DS1990R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1990R
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1990R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1990R Datasheet HTML 1Page - Maxim Integrated Products DS1990R Datasheet HTML 2Page - Maxim Integrated Products DS1990R Datasheet HTML 3Page - Maxim Integrated Products DS1990R Datasheet HTML 4Page - Maxim Integrated Products DS1990R Datasheet HTML 5Page - Maxim Integrated Products DS1990R Datasheet HTML 6Page - Maxim Integrated Products DS1990R Datasheet HTML 7Page - Maxim Integrated Products DS1990R Datasheet HTML 8Page - Maxim Integrated Products DS1990R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The DS1990R serial number iButton® is a rugged data
carrier that serves as an electronic registration number
for automatic identification. Data is transferred serially
through the 1-Wire® protocol, which requires only a sin-
gle data lead and a ground return. Every DS1990R is
factory lasered with a guaranteed unique 64-bit regis-
tration number that allows for absolute traceability. The
durable stainless-steel iButton package is highly resis-
tant to environmental hazards such as dirt, moisture,
and shock. Its compact coin-shaped profile is self-
aligning with mating receptacles, allowing the DS1990R
to be used easily by human operators. Accessories
enable the DS1990R iButton to be mounted on almost
any object, including containers, pallets, and bags.
The DS1990R is a fully compatible variant of the
DS1990A. In applications where a presence pulse on
contact is critical, the DS1990R should be preferred
over the DS1990A.
Applications
Access Control
Work-In-Progress Tracking
Tool Management
Inventory Control
Features
♦ Upgrade of DS1990A Guarantees Presence Pulse
on Contact
♦ Can Be Read in Less Than 5ms
♦ Operating Range: 2.8V to 6.0V, -40°C to +85°C
Common iButton Features
♦ Unique Factory-Lasered 64-Bit Registration
Number Ensures Error-Free Device Selection and
Absolute Traceability Because No Two Parts are
Alike
♦ Built-In Multidrop Controller for 1-Wire Net
♦ Digital Identification by Momentary Contact
♦ Data Can Be Accessed While Affixed to Object
♦ Economically Communicates to Bus Master with
a Single Digital Signal at 16.3kbps
♦ Button Shape is Self-Aligning with Cup-Shaped
Probes
♦ Durable Stainless-Steel Case Engraved with
Registration Number Withstands Harsh
Environments
♦ Easily Affixed with Self-Stick Adhesive Backing,
Latched by its Flange, or Locked with a Ring
Pressed Onto its Rim
♦ Presence Detector Acknowledges When Reader
First Applies Voltage
Serial Number iButton
________________________________________________________________
Maxim Integrated Products
1
Pin Configurations
Ordering Information
19-4894; Rev 4; 8/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS1990R-F5#
-40
°C to +85°C
F5 iButton
DS1990R-F3#
-40
°C to +85°C
F3 iButton
Examples of Accessories
PART
ACCESSORY
DS9096P
Self-Stick Adhesive Pad
DS9101
Multipurpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe
16.25mm
5.89mm
0.51mm
3.10mm
0.51mm
17.35mm
BRANDING
F5 SIZE
GND
GND
IO
IO
F3 SIZE
89
01
000000FBC52B
1-Wire®
®
u t
t o n
®. c
W
W
ZZZ DS1990
R
iButton and 1-Wire are registered trademarks of Maxim
Integrated Products, Inc.
#
Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under the RoHS requirements.


Similar Part No. - DS1990R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1990R-F3 MAXIM-DS1990R-F3 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
More results

Similar Description - DS1990R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1413 DALLAS-DS1413 Datasheet
115Kb / 1P
Passive Serial Port iButton Holder
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
DS1411 DALLAS-DS1411 Datasheet
50Kb / 1P
Serial Port iButton Holder
DS9105 DALLAS-DS9105 Datasheet
113Kb / 1P
iButton Number Set
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS1413 MAXIM-DS1413 Datasheet
163Kb / 2P
Passive Serial Port iButton Holder
8/09
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105_09 Datasheet
56Kb / 2P
iButton Number Set
logo
Maxim Integrated Produc...
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com