Electronic Components Datasheet Search
  English  ▼

X  

DS1995 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1995
Description  16Kb Memory iButton
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1995 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1995 Datasheet HTML 1Page - Maxim Integrated Products DS1995 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
SPECIAL FEATURES
16384 bits of read/write nonvolatile memory
256-bit scratchpad ensures integrity of data
transfer
Overdrive mode boosts communication to 142
kbits per second
Memory partitioned into 256-bit pages for
packetizing data
Data integrity assured with strict read/write
protocols
Operating temperature range from -40
C to
+70
C
Over 10 years of data retention
COMMON iButton FEATURES
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
Multidrop controller for MicroLAN
Digital identification and information by
momentary contact
Chip-based data carrier compactly stores
information
Data can be accessed while affixed to object
Economically communicates to bus master
with a single digital signal at 16.3 kbits per
second
Standard 16 mm diameter and 1-Wire®
protocol ensure compatibility with iButton
family
Button shape is self-aligning with cup-shaped
probes
Durable stainless steel case engraved with
registration number withstands harsh
environments
Easily affixed with self-stick adhesive backing,
latched by its flange, or locked with a ring
pressed onto its rim
Presence detector acknowledges when reader
first applies voltage
F5 MICROCAN
DATA
GROUND
0.51
5.89
16.25
17.35
D0
0A
000000FBC52B
1-Wire
All dimensions are show
n in millimeters.
ORDERING INFORMATION
PART
TEMP RANGE
PIN-
PACKAGE
DS1995L-F5+
-40
C to +70C
F5 MicroCan
+Denotes a lead(Pb)-free/RoHS-compliant package.
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-In Fob
DS9092
iButton Probe
iButton DESCRIPTION
The DS1995 Memory iButton operates nearly
identically to the DS1996. The main differences
are: 16 Kbits of memory organized as 64 pages of
32 bytes and a family code of 0A hexadecimal. For
further details, refer to the DS1996 data sheet.
DS1995
16Kb Memory iButton
iButton and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.
19-4895; Rev 8/09


Similar Part No. - DS1995

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS1995L-F5 DALLAS-DS1995L-F5 Datasheet
193Kb / 1P
16-kbit Memory iButton
More results

Similar Description - DS1995

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
16Kb FRAM Serial 3V Memory
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
16Kb FRAM Serial Memory
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
16Kb FRAM Serial Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
DS1996 MAXIM-DS1996 Datasheet
382Kb / 19P
64Kb Memory iButton
Rev 8/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com