Electronic Components Datasheet Search
  English  ▼

X  

DS5001FP Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS5001FP
Description  128k Soft Microprocessor Chip
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5001FP Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS5001FP Datasheet HTML 9Page - Dallas Semiconductor DS5001FP Datasheet HTML 10Page - Dallas Semiconductor DS5001FP Datasheet HTML 11Page - Dallas Semiconductor DS5001FP Datasheet HTML 12Page - Dallas Semiconductor DS5001FP Datasheet HTML 13Page - Dallas Semiconductor DS5001FP Datasheet HTML 14Page - Dallas Semiconductor DS5001FP Datasheet HTML 15Page - Dallas Semiconductor DS5001FP Datasheet HTML 16Page - Dallas Semiconductor DS5001FP Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DS5001FP
13 of 27
DC CHARACTERISTICS (continued)
(VCC = 5V ±10%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
0.45 < VIN < VCC (Port 0, MSEL)
IIL
+10
µA
RST Pulldown Resistor
(0°C to +70°C)
RRE
40
150
k
W
RST Pulldown Resistor
(-40°C to +85°C)
RRE
30
180
k
W
10
VRST
Pullup Resistor
RVR
4.7
k
W
PROG
Pullup Resistor
RPR
40
k
W
Power-Fail Warning Voltage
(0°C to +70°C)
VPFW
4.25
4.37
4.50
V
1
Power-Fail Warning Voltage
(-40°C to +85°C)
VPFW
4.1
4.37
4.6
V
1, 10
Minimum Operating Voltage
(0°C to +70°C)
VCCMIN
4.00
4.12
4.25
V
1
Minimum Operating Voltage
(-40°C to +85°C)
VCCMIN
3.85
4.09
4.25
V
1, 10
Operating Voltage
VCC
VCCMIN
5.5
V
1
Lithium Supply Voltage
VLI
2.5
4.0
V
1
Operating Current at 16MHz
ICC
36
mA
2
Idle Mode Current at 12MHz
(0°C to +70°C)
IIDLE
7.0
mA
3
Idle Mode Current at 12MHz
(-40°C to +85°C)
IIDLE
8.0
mA
3, 10
Stop Mode Current
ISTOP
80
µA
4
Pin Capacitance
CIN
10
pF
5
Output Supply Voltage (VCCO)
VCCO1
VCC
-0.45
V
1, 2
Output Supply Battery-Backed Mode
(VCCO, CE 1-4, PE 1-2)
(0°C to +70°C)
VCCO2
VLI
-0.65
V
1, 8
Output Supply Battery-Backed Mode
(VCCO, CE 1-4, PE 1-2)
(-40°C to +85°C)
VCCO2
VLI
-0.9
V
1, 8, 10
Output Supply Current
at VCCO = VCC - 0.45V
ICCO1
75
mA
6
Lithium-Backed Quiescent Current
(0°C to +70°C)
ILI
5
75
nA
7
Lithium-Backed Quiescent Current
(-40°C to +85°C)
ILI
75
500
nA
7
With BAT = 3.0V
(0°C to +70°C)
4.0
4.25
1
With BAT = 3.0V
(-40°C to +85°C)
3.85
4.25
1, 10
Reset Trip Point
in Stop Mode
With BAT = 3.0V
(0°C to +70°C)
4.4
4.65
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com