Electronic Components Datasheet Search
  English  ▼

X  

DS9105 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9105
Description  iButton Number Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9105 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9105 Datasheet HTML 1Page - Dallas Semiconductor DS9105 Datasheet HTML 2Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
FEATURES
 DS1982-based iButtons branded with their
respective character for optimum legibility
 128 bytes of user-programmable EPROM in
each iButton for maximum flexibility
 Available as set of 12 (as shown in the
graphic) or as individual iButtons
ORDERING INFORMATION
PART
TYPE
DS9105-SET#
COMPLETE SET OF 12
DS9105-000#
NUMBER ZERO
DS9105-001#
NUMBER ONE
DS9105-002#
NUMBER TWO
DS9105-003#
NUMBER THREE
DS9105-004#
NUMBER FOUR
DS9105-005#
NUMBER FIVE
DS9105-006#
NUMBER SIX
DS9105-007#
NUMBER SEVEN
DS9105-008#
NUMBER EIGHT
DS9105-009#
NUMBER NINE
DS9105-00C#
CLEAR
DS9105-00E#
ENTER
#Denotes a RoHS-compliant device that may include lead(Pb) that is
exempt under the RoHS requirements.
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9092GT
iButton Wand
DS9097U
COM-Port Adapter
DS9106
iButton Halos
DS9093RA
iButton Lock Ring
DS9093RB
iButton Flange Enlargement
DESCRIPTION
Unlike conventional keypads, where data is entered by pressing a mechanical key, the solid buttons of an
iButton keypad allow users to enter data by simply touching each button with an iButton probe or
handheld computer. Each of these buttons comes from the factory with blank memory, allowing the user
to program each button with whatever data the user would like entered when touched. The iButton
keypad is a simple, robust alternative for data entry in harsh environments such as outdoors, industrial
workplaces and other locations, where a normal keypad is impractical to operate. Since iButtons are made
from stainless steel, this keypad is easily cleaned with hot water and detergent.
The individual iButtons that comprise the keypad can be arranged as desired to maximize ease of use.
They can be stuck on a smooth surface using adhesive pads or mounted through 16.5mm holes in a rigid
material and fastened by lock rings. The material thickness should not exceed 3.0mm. For a detailed
description of the communication protocol and the electrical characteristics of the iButton used in this
keypad, refer to the DS1982 data sheet.
iButton is a registered trademark of Maxim Integrated Products, Inc.
DS9105
iButton Number Set
www.maxim-ic.com
19-4879; Rev 8/09


Similar Part No. - DS9105

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105 Datasheet
113Kb / 1P
iButton Number Set
logo
Maxim Integrated Produc...
DS9105 MAXIM-DS9105 Datasheet
56Kb / 2P
based iButtons branded with their respective character for optimum legibility
Rev 8/09
logo
Dallas Semiconductor
DS9105-000 DALLAS-DS9105-000 Datasheet
113Kb / 1P
iButton Number Set
logo
Maxim Integrated Produc...
DS9105-000# MAXIM-DS9105-000# Datasheet
56Kb / 2P
based iButtons branded with their respective character for optimum legibility
Rev 8/09
logo
Dallas Semiconductor
DS9105-001 DALLAS-DS9105-001 Datasheet
113Kb / 1P
iButton Number Set
More results

Similar Description - DS9105

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS9105 DALLAS-DS9105 Datasheet
113Kb / 1P
iButton Number Set
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
logo
Samtec, Inc
ASP-148422-01 SAMTEC-ASP-148422-01 Datasheet
339Kb / 2P
1. SET UP ASP PART NUMBER FOR INDUSTRY STANDARD.
logo
Maxim Integrated Produc...
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com