Electronic Components Datasheet Search
  English  ▼

X  

MAX668 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX668
Description  1.8V to 28V Input, PWM Step-Up Controllers in μMAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX668 Datasheet HTML 1Page - Maxim Integrated Products MAX668 Datasheet HTML 2Page - Maxim Integrated Products MAX668 Datasheet HTML 3Page - Maxim Integrated Products MAX668 Datasheet HTML 4Page - Maxim Integrated Products MAX668 Datasheet HTML 5Page - Maxim Integrated Products MAX668 Datasheet HTML 6Page - Maxim Integrated Products MAX668 Datasheet HTML 7Page - Maxim Integrated Products MAX668 Datasheet HTML 8Page - Maxim Integrated Products MAX668 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
V
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
_______________________________________________________________________________________
3
70
100
500
SYNC Input Frequency Range
SYNC/SHDN Falling Edge to Shutdown Delay
2
5
EXT high or low
EXT On-Resistance
1
EXT forced to 2V
Ω
EXT Sink/Source Current
1.5
1.8V < VCC < 3V (MAX669)
A
SYNC/SHDN Input High Voltage
0.30
1.8V < VCC < 3V (MAX669)
µA
SYNC/SHDN Input Low Voltage
0.5
3.0
SYNC/SHDN = 5V
SYNC/SHDN Input Current
1.5
6.5
SYNC/SHDN = 28V
V
MIN
TYP
MAX
CONDITIONS
PARAMETER
µs
kHz
UNITS
ELECTRICAL CHARACTERISTICS (continued)
(VCC = LDO = 5V, ROSC = 200kΩ, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VCC = LDO = 5V, ROSC = 200kΩ, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
2.40
2.60
Sensed at LDO, falling edge,
hysteresis = 1%, MAX669 only
LDO Undervoltage Lockout Threshold
2.65
5.50
3V
≤ VCC ≤ 28V
(includes LDO dropout)
4.50
5.50
5V
≤ VCC ≤ 28V
(includes LDO dropout)
LDO Output Voltage
Reference and LDO Regulators
V
328
MAX668
V
PWM Controller
Input Voltage Range, VCC
6
SYNC/SHDN = GND, VCC = 28V
Shutdown Supply Current (VCC)
350
VFB = 1.30V, VCC = 3V to 28V
µA
VCC Supply Current (Note 1)
1
CS+ forced to GND
µA
CS+ Input Current
327
µA
Idle Mode Current-Sense Threshold
2.7
5.5
mV
Input Voltage Range with VCC Tied to LDO
1.22
1.28
mV
FB Threshold
20
VFB = 1.30V
nA
FB Input Current
85
115
V
Current-Limit Threshold
MIN
MAX
CONDITIONS
V
PARAMETER
V
UNITS
86
90
94
ROSC = 500kΩ ±1%
MAX669
LDO load =
∞ to 400Ω
1.8
28
3V < VCC < 28V
3V < VCC < 28V
2.0
0.45
V
200
Not tested
SYNC Input Rise/Fall Time
ns
50
200
Minimum SYNC Input Low Pulse Width
ns
20
45
Minimum SYNC Input-Pulse Duty Cycle
%
290
Minimum EXT Pulse Width
ns
87
90
93
ROSC = 200kΩ ±1%
86
90
94
ROSC = 100kΩ ±1%
Maximum Duty Cycle
%
PWM CONTROLLER
REFERENCE AND LDO REGULATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com