Electronic Components Datasheet Search
  English  ▼

X  

MAX995 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX995
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX995 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX995 Datasheet HTML 1Page - Maxim Integrated Products MAX995 Datasheet HTML 2Page - Maxim Integrated Products MAX995 Datasheet HTML 3Page - Maxim Integrated Products MAX995 Datasheet HTML 4Page - Maxim Integrated Products MAX995 Datasheet HTML 5Page - Maxim Integrated Products MAX995 Datasheet HTML 6Page - Maxim Integrated Products MAX995 Datasheet HTML 7Page - Maxim Integrated Products MAX995 Datasheet HTML 8Page - Maxim Integrated Products MAX995 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (Note 1)
(VCC = +2.7V to +5.5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ...................................................6V
IN_-, IN_+ to VEE .......................................-0.3V to (VCC + 0.3V)
Current into Input Pins .....................................................±20mA
OUT_ to VEE
MAX987/MAX991/MAX995 ....................-0.3V to (VCC + 0.3V)
MAX988/MAX992/MAX996 ..................................-0.3V to +6V
OUT_ Short-Circuit Duration to VEE or VCC ...........................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ...............247mW
5-Pin SOT23 (derate 7.10mW/°C above +70°C)...........571mW
8-Pin SOT23 (derate 9.1mW/°C above +70°C).............727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ..........727mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Inferred from PSRR test
CONDITIONS
V
2.5
5.5
VCC
Supply Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
53
80
2.5V ≤ VCC ≤ 5.5V
dB
55
80
PSRR
Power-Supply Rejection Ratio
VCC = 5V
96
mV
±0.5
±5
TA = +25°C
VEE -VCC +
0.25
0.25
±2.5
VHYST
Input Hysteresis
Full common-mode
range
nA
IB
Input Bias Current
(Note 4)
0.001
10
pF
1.0
CIN
Input Capacitance
dB
50
80
CMRR
Common-Mode Rejection Ratio
pA
0.5
IOS
Input Offset Current
±7
VOS
Input Offset Voltage
(Note 3)
VOUT = high
µA
1.0
ILEAK
Output Leakage Current
(MAX988/MAX992/
MAX996 only)
35
95
TA = +25°C
TA = -40°C to +85°C
48
80
VCC = 2.7V
µA
96
ICC
Supply Current per
Comparator
TA = +25°C
TA = -40°C to +85°C
Sourcing or sinking,
VOUT = VEE or VCC
ISC
Output Short-Circuit Current
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +85°C
VEE
VCC
V
VCMR
Common-Mode Voltage
Range (Note 2)
mV
VCC = 5V
VCC = 2.7V
mA
VCC = 5V,
ISINK = 8mA
0.55
0.2
0.4
VOL
OUT Output-Voltage Low
VCC = 2.7V,
ISINK = 3.5mA
V
0.4
0.15
0.3
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
VCC = 5V,
ISOURCE = 8mA
TA = -40°C to +85°C
4.45
4.6
4.85
VOH
TA = +25°C
OUT Output-Voltage High
(MAX987/MAX991/
MAX995 Only)
VCC = 2.7V,
ISOURCE = 3.5mA TA = -40°C to +85°C
V
2.3
2.4
2.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com