Electronic Components Datasheet Search
  English  ▼

X  

MAX1968EUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 10Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 11Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 12Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 13Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 14Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 15Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Power Drivers for Peltier TEC Modules
______________________________________________________________________________________
13
OS2
OS1
CS
LX1
LX2
COMP
ITEC
GND
CTLI
50m
Ω
100k
Ω
50k
Ω
100k
Ω
100k
Ω
1
μF
1
μF
1
μF
1
μF
1
μF
1
μF
VDD
PVDD1
PVDD2
PGND1
PGND2
REF
MAXIP
FREQ
MAXIN
MAXV
MAX1968
3V TO
5.5V
TO REF
NTC
THERMISTOR
0.01
μF
10k
Ω
RTHERM
3.3
μH
SHDN
3.3
μH
10
μF
ON
OFF
VDD
U3A
U3B
510k
Ω
100k
Ω
10k
Ω
U2
TO REF
10
μF
0.022
μF
240k
Ω
10k
Ω
TEMPERATURE
SET POINT*
*SEE FIGURE 2
FOR TEMPERATURE
SET POINT SET BY A DAC
0.1
μF
0.1
μF
VDD
10k
Ω
1
μF
MAX4477
MAX4477
MAX4475
Figure 1. Typical Application Circuit for MAX1968. Circuit is configured for both cooling and heating with an NTC thermistor. Current
flowing from OS2 to OS1 is cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com