Electronic Components Datasheet Search
  English  ▼

X  

MAX1968 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1968
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1968 Datasheet HTML 1Page - Maxim Integrated Products MAX1968 Datasheet HTML 2Page - Maxim Integrated Products MAX1968 Datasheet HTML 3Page - Maxim Integrated Products MAX1968 Datasheet HTML 4Page - Maxim Integrated Products MAX1968 Datasheet HTML 5Page - Maxim Integrated Products MAX1968 Datasheet HTML 6Page - Maxim Integrated Products MAX1968 Datasheet HTML 7Page - Maxim Integrated Products MAX1968 Datasheet HTML 8Page - Maxim Integrated Products MAX1968 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Power Drivers for Peltier TEC Modules
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VDD = PVDD1 = PVDD2 = SHDN = 5V, PGND1 = PGND2 = FREQ = GND, CTLI = MAXV = MAXIP = MAXIN = REF, CREF = 1µF,
CCOMP = 0.1µF, LLX_ = 3.3µH, CCS = COS2 = 1µF, ITEC < 3ARMS (MAX1968), ITEC < 6ARMS (MAX1969), TA = -40°C to +85°C, unless
otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VDD
3.0
5.5
V
VDD = 5V, ITEC = 0 to
±3A,
VOUT = VOS1 - VOS2 (MAX1968)
-4.3
+4.3
VDD = 5V, ITEC = 0 to 6A,
VOUT = VOS1 (MAX1969)
4.3
VDD = 3V, ITEC = 0 to
±3A,
VOUT = VOS1 - VOS2 (MAX1968)
-2.3
+2.3
Output Voltage Range
VOUT
VDD = 3V, ITEC = 0 to 6A,
VOUT = VOS1 (MAX1969)
2.3
V
MAX1968
±3
Maximum TEC
Current
ITEC(MAX)
MAX1969
6
A
Reference Voltage
VREF
VDD = 3V to 5.5V, IREF = 150µA
1.475
1.515
V
Reference Load
Regulation
ΔVREF
VDD = 3V to 5.5V, IREF = +10µA to -1mA
5
mV
VMAXI_ = VREF
135
165
VOS1 < VCS
VMAXI_ = VREF / 3
35
65
VMAXI_ = VREF
135
165
Current-Sense
Threshold Accuracy
VOS1 > VCS
VMAXI_ = VREF / 3
35
65
mV
Switch-Fault Reset
Voltage
50
250
mV
VDD = 5V, I = 0.5A
0.07
NFET On-Resistance
RDS(ON-N)
VDD = 3V, I = 0.5A
0.08
Ω
VDD = 5V, I = 0.5A
0.07
PFET On-Resistance
RDS(ON-P)
VDD = 3V, I = 0.5A
0.12
Ω
VLX = VDD = 5V, TA = +25
°C10
NFET Leakage
ILEAK(N)
VLX = VDD = 5V, TA = -40
°C10
µA
VLX = 0, TA = +25
°C10
PFET Leakage
ILEAK(P)
VLX = 0, TA = -40
°C10
µA
VDD = 5V
100
No Load Supply
Current
IDD(NO
LOAD)
VDD = 3.3V
30
mA
Shutdown Supply
Current
IDD-SD
SHDN = GND, VDD = 5V (Note 2)
3
mA
VDD rising
2.4
2.8
UVLO Threshold
VUVLO
VDD falling
2.25
2.75
V
Switching-Frequency
Internal Oscillator
fSW-INT
FREQ = GND
400
650
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com