Electronic Components Datasheet Search
  English  ▼

X  

MAX2685EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2685EEE
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2685EEE Datasheet HTML 1Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2685 EV kit, VCC = V SHDN = +3V, fLNAIN = fMIXIN = 880MHz, fLO = 960MHz, PLNAIN = -30dBm, PLO = -8dBm, PMIXIN = -25dBm,
differential IFOUT operation, Zo = 50
Ω, TA = +25°C, unless otherwise noted.)
Note 1: Performance at temperatures greater than or equal to +25°C are guaranteed by production test; performance at tempera-
tures less than +25°C are guaranteed by design and characterization.
Note 2: This is the recommended operating frequency range.
Note 3: Maximum and minimum limits are guaranteed by design and device characterization and are not production tested.
Note 4: Two tones at 880MHz and 880.1MHz, -30dBm per tone.
Note 5: Two tones at 880MHz and 880.1MHz, -10dBm per tone.
Note 6: Two tones at 880MHz and 880.1MHz, -25dBm per tone.
Note 7: Time from SHDN = high, until the cascaded receive gain is within 1dB of its final value. Measured with 47pF blocking
capacitors on LNAIN and LNAOUT. Matching network removed from IFOUT output.
Typical Operating Characteristics
(MAX2685 EV kit, VCC = V SHDN = +3V, fLNAIN = fMIXIN = 880MHz, fLO = 960MHz, PLNAIN = -30dBm, PLO = -8dBm, PMIXIN = -25dBm,
differential IFOUT operation, Zo = 50
Ω, TA = +25°C, unless otherwise noted.)
0
3
2
1
4
5
6
7
8
9
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
GAIN = HIGH
GAIN = LOW
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
0
3
2
1
4
5
6
7
8
9
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
SHDN = GND
TA = -40°C
TA = +25°C
TA = +85°C
-15
-5
-10
5
0
15
10
20
2.5
3.5
4.0
3.0
4.5
5.0
5.5
LNA GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
GAIN = HIGH
GAIN = LOW TA = +85°C
TA = +25°C T
A = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
GAIN = GND
dB
12.1
Mixer Noise Figure (SSB)
GAIN = VCC, TA = TMIN to TMAX (Note 3)
GAIN = VCC
dB
12
Mixer Conversion Gain Variation over
Temperature
(Note 7)
dB
GAIN = VCC
GAIN = GND
CONDITIONS
µs
0.8
Receiver Enable Time
13
7
dBm
-1.5
Mixer Input IP3 (Note 6)
11
LO Port Return Loss
UNITS
MIN
TYP
MAX
PARAMETER
dB
SHDN = VCC or GND
53
LO-to-LNAIN Isolation
dB
dB
28
LNAOUT-to-MIXIN Isolation
31
LO-to-MIXIN Isolation
OVERALL SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com