Electronic Components Datasheet Search
  English  ▼

X  

MAX2828 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2828
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2828 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2828 Datasheet HTML 9Page - Maxim Integrated Products MAX2828 Datasheet HTML 10Page - Maxim Integrated Products MAX2828 Datasheet HTML 11Page - Maxim Integrated Products MAX2828 Datasheet HTML 12Page - Maxim Integrated Products MAX2828 Datasheet HTML 13Page - Maxim Integrated Products MAX2828 Datasheet HTML 14Page - Maxim Integrated Products MAX2828 Datasheet HTML 15Page - Maxim Integrated Products MAX2828 Datasheet HTML 16Page - Maxim Integrated Products MAX2828 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
13
AC ELECTRICAL CHARACTERISTICS—Timing (continued)
(MAX2828/MAX2829 evaluation kits: VCC = 2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN =
CS = high, SCLK = DIN = low, PLL loop bandwidth = 150kHz, RBIAS = 11k
Ω, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3-WIRE SERIAL INTERFACE TIMING (SEE FIGURE 2)
SCLK-Rising-Edge to CS-Falling-
Edge Wait Time, tCSO
6ns
Falling Edge of CS to Rising
Edge of First SCLK Time, tCSS
6ns
DIN-to-SCLK Setup Time, tDS
6ns
DIN-to-SCLK Hold Time, tDH
6ns
SCLK Pulse-Width High, tCH
6ns
SCLK Pulse-Width Low, tCL
6ns
Last Rising Edge of SCLK to
Rising Edge of CS or Clock to
Load Enable Setup Time, tCSH
6ns
CS High Pulse Width, tCSW
20
ns
Time Between the Rising Edge of
CS and the Next Rising Edge of
SCLK, tCS1
6ns
Clock Frequency, fCLK
40
MHz
Rise Time, tR
2ns
Fall Time, tF
2ns
Note 1: Devices are production tested at +85°C only. Min and max limits at temperatures other than +85°C are guaranteed by
design and characterization.
Note 2: Register settings for MIMO mode. A3:A0 = 0101 and A3:A0 = 0010, D13 = 1.
Note 3: The expected part-to-part variation of the RF gain step is
±1dB.
Note 4: Tx I/Q inputs = 100mVRMS. Set Tx VGA gain to max.
Table 1. Receiver Front-End Gain-Control
Settings
B7
B6
GAIN
1
1
High
1
0
Medium
0
X
Low
Table 2. Receiver Baseband VGA Gain
Settings
B5:B1
GAIN
11111
Max
11110
Max - 2dB
11101
Max - 4dB
::
00000
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com