Electronic Components Datasheet Search
  English  ▼

X  

FR1M Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FR1M
Description  Fast Switching Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR1M Datasheet(HTML) 1 Page - Diotec Semiconductor

  FR1M Datasheet HTML 1Page - Diotec Semiconductor FR1M Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR1A ... FR1M
FR1A ... FR1M
Fast Switching Surface Mount Silicon Rectifier Diodes
Schnelle Silizium-Gleichrichterdioden für die Oberflächenmontage
Version 2011-02-28
Dimensions - Maße [mm]
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
~ SMA
~ DO-214AC
Weight approx. – Gewicht ca.
0.07 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Reverse recovery time
Sperrverzugszeit
trr [ns] 1)
FR1A
50
50
< 150
FR1B
100
100
< 150
FR1D
200
200
< 150
FR1G
400
400
< 150
FR1J
600
600
< 250
FR1K
800
800
< 500
FR1M
1000
1000
< 500
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/32 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5± 0.2


Similar Part No. - FR1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR1M SSE-FR1M Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
FR1M DIODES-FR1M Datasheet
50Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
DS15003 Rev. C-3
logo
Micro Commercial Compon...
FR1M MCC-FR1M Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR1M DIOTEC-FR1M Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR1M SEMIKRON-FR1M Datasheet
110Kb / 2P
Fast silicon rectifier diodes
More results

Similar Description - FR1M

ManufacturerPart #DatasheetDescription
logo
Semikron International
SA154 SEMIKRON-SA154_07 Datasheet
110Kb / 2P
Surface mount diode Fast silicon rectifier diodes
FR2A SEMIKRON-FR2A_07 Datasheet
121Kb / 2P
Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
FR2A DIOTEC-FR2A_10 Datasheet
99Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
SA261 DIOTEC-SA261_10 Datasheet
107Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
FR1A DIOTEC-FR1A_13 Datasheet
99Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
FR3A DIOTEC-FR3A_13 Datasheet
100Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
ER1A DEC-ER1A_11 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com