Electronic Components Datasheet Search
  English  ▼

X  

MAX3660 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3660
Description  Analog CATV Transimpedance Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3660 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3660 Datasheet HTML 1Page - Maxim Integrated Products MAX3660 Datasheet HTML 2Page - Maxim Integrated Products MAX3660 Datasheet HTML 3Page - Maxim Integrated Products MAX3660 Datasheet HTML 4Page - Maxim Integrated Products MAX3660 Datasheet HTML 5Page - Maxim Integrated Products MAX3660 Datasheet HTML 6Page - Maxim Integrated Products MAX3660 Datasheet HTML 7Page - Maxim Integrated Products MAX3660 Datasheet HTML 8Page - Maxim Integrated Products MAX3660 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Analog CATV Transimpedance Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5.0V, TA = +25
°C, unless otherwise noted. CNR, CSO, and CTB are for the MAX3660 EV Kit at PIN = -8dBm, with channels
above 350MHz attenuated 6dB.)
GAIN (ZT) vs. FREQUENCY
(VVAGC = 0.10V, 0.175V, 0.25V, 0.35V, 0.7V,
1.05V, 1.4V, 1.6V; TA = -40
°C, +25°C, +85°C)
FREQUENCY (MHz)
1400 1600
1200
200
600 800 1000
400
45
50
55
60
65
70
75
80
40
0
VVAGC = 0.1V
VVAGC = 1.6V
GAIN (ZT) vs. VAGC
(TA = -40
°C, +25°C, +85°C)
VAGC (V)
1
45
50
55
60
65
70
75
40
0.1
10
F = 875MHz
F = 47MHz
DEVIATION FROM LINEAR TILT vs. FREQUENCY
(VVAGC = 0 TO 1.6V; TA = -40
°C, +25°C, +85°C)
FREQUENCY (MHz)
800
600
200
400
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
1000
TA = -40
°C
TA = +25
°C
TA = +85
°C
DEVIATION FROM IDEAL GAIN vs. VAGC
(FREQUENCY = 47MHz, TA = -40
°C, +25°C, +85°C)
VAGC (V)
1.2
0.8
0.4
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
1.6
TA = -40
°C
TA = +25
°C
TA = +85
°C
OIP2, OIP3 vs. VAGC
VAGC (V)
1.5
1.0
0.5
30
40
50
60
70
80
20
0
2.0
OIP2
OIP3
EQUIVALENT INPUT NOISE
vs. FREQUENCY
FREQUENCY (MHz)
800
700
500 600
200 300 400
100
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
5.0
0
900
TA = -40
°C
TA = +25
°C
TA = +85
°C
CNR vs. FREQUENCY
(110 CHANNELS, OMI = 4.2%/2.1%)
FREQUENCY (MHz)
900
800
700
600
500
400
300
200
100
45
50
55
60
40
0
1000
PIN = +2dBm
PIN = -2dBm
PIN = -2dBm
PIN = -6dBm
PIN = -6dBm
PIN = -8dBm
PIN = -8dBm
PIN = +2dBm
CSO, CTB vs. FREQUENCY
(110 CHANNELS, PIN = +2dBm, OMI = 4.2%/2.1%)
FREQUENCY (MHz)
800
600
400
200
-75
-70
-65
-60
-55
-50
-80
0
1000
CSO
CTB
CS
CTB
S22
NORMALIZED TO 75
Ω
FREQUENCY (MHz)
800
600
400
200
-30
-25
-20
-15
-10
-5
0
-35
0
1000
DUT AND BALUN
DUT ONLY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com