Electronic Components Datasheet Search
  English  ▼

X  

MAX3668 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3668
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3668 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3668 Datasheet HTML 1Page - Maxim Integrated Products MAX3668 Datasheet HTML 2Page - Maxim Integrated Products MAX3668 Datasheet HTML 3Page - Maxim Integrated Products MAX3668 Datasheet HTML 4Page - Maxim Integrated Products MAX3668 Datasheet HTML 5Page - Maxim Integrated Products MAX3668 Datasheet HTML 6Page - Maxim Integrated Products MAX3668 Datasheet HTML 7Page - Maxim Integrated Products MAX3668 Datasheet HTML 8Page - Maxim Integrated Products MAX3668 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.3V, 622Mbps SDH/SONET
Laser Driver with Automatic Power Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.14V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC .............................................-0.5V to +7.0V
Current into BIAS ............................................-20mA to +150mA
Current into OUT+, OUT- ............................... -20mA to +100mA
Current into MD....................................................-5mA to +5mA
Voltage at DATA+, DATA-, ENABLE,
FAIL .......................................................-0.5V to (VCC + 0.5V)
Voltage at OUT+, OUT- .............................+1.5V to (VCC + 1.5V)
Voltage at MODSET, APCSET, BIASMAX,
CAPC............................................................... -0.5V to +3.0V
Voltage at BIAS .........................................+1.0V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
32-Pin TQFP (derate 14.3mW/°C above +85°C)........ 929mW
Operating Junction Temperature Range ...........-55°C to +150°C
Processing Temperature (Die).........................................+400°C
Storage Temperature Range ........................... -65°C to +165°C
Lead Temperature (soldering, 10s) ................................+300°C
ENABLE = low (Note 3)
VBIAS = VCC - 1.6V
(Note 2)
Sinking 100µA
Sourcing 50µA
(Note 4)
APC open loop
APC open loop
Figure 1
PECL compatible
CONDITIONS
V
0.1
0.44
VOL
TTL Output Low Voltage
(FAIL)
V
2.4
VCC - 0.3
VCC
VOH
TTL Output High Voltage
(FAIL)
V
0.8
VIL
TTL Input Low Voltage
V
2.0
VIH
TTL Input High Voltage
V
0.8
VMD
Monitor Diode Input Voltage
(MD Pin)
µA
100
Bias Off Current
mA
180
IBIAS
mA
38
60
Supply Current
Bias Current Range
µA
18
1000
IMD
DC Monitor Diode Current
%
-15
15
Monitor Diode Current
Absolute Accuracy
ppm/°C
-480
10
480
Monitor Diode Current Stability
µA
-1
10
IIN
DATA+, DATA- Input Current
ppm/°C
390
Bias Current Stability
%
-15
15
Bias Current Absolute Accuracy
mVp-p
200
1600
VID
Differential Input Voltage
V
VCC -VCC -VCC -
1.49
1.32
VID/4
VICM
Common-Mode Input Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IBIAS = 80mA
IBIAS = 1mA
920
IMD = 1mA
IMD = 18µA (Note 5)
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com