Electronic Components Datasheet Search
  English  ▼

X  

MAX3670 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3670
Description  Low-Jitter 155MHz/622MHz Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3670 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3670 Datasheet HTML 1Page - Maxim Integrated Products MAX3670 Datasheet HTML 2Page - Maxim Integrated Products MAX3670 Datasheet HTML 3Page - Maxim Integrated Products MAX3670 Datasheet HTML 4Page - Maxim Integrated Products MAX3670 Datasheet HTML 5Page - Maxim Integrated Products MAX3670 Datasheet HTML 6Page - Maxim Integrated Products MAX3670 Datasheet HTML 7Page - Maxim Integrated Products MAX3670 Datasheet HTML 8Page - Maxim Integrated Products MAX3670 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Jitter 155MHz/622MHz
Clock Generator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.3V ±10% or VCC = +5.0V ±10%, TA = -40°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless other-
wise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage Range..............................................-0.5V to +7V
Voltage Range at C2+, C2-, THADJ, CTH, GSEL1, GSEL2,
GSEL3, LOL, RSEL, REFCLK-, REFCLK+, VSEL, VCOIN+,
VCOIN-, VC, POLAR, PSEL1, PSEL2, COMP,
OPAMP+, OPAMP- ..................................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
32 QFN (derate 33.3mW/°C above +70°C) .....................2.7W
32 Thin QFN (derate 34.5mW/°C above +70°C)..............2.8W
PECL Output Current (MOUT+,
MOUT-, POUT+, POUT-).................................................56mA
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range. ............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Note 2)
48
72
mA
INPUT SPECIFICATIONS (REFCLK±, VCOIN±)
Input High Voltage
VIH
VCC -
1.16
VCC -
0.88
V
Input Low Voltage
VIL
VCC -
1.81
VCC -
1.48
V
Input Bias Voltage
VCC -
1.3
V
Common-Mode Input Resistance
7.5
11.5
17.5
k
Ω
Differential Input Resistance
12.8
21.0
32.5
k
Ω
Differential Input Voltage Swing
AC-coupled
300
1900
mVp-p
PECL OUTPUT SPECIFICATIONS
0°C to +85°C
VCC -
1.025
VCC -
0.88
Output High Voltage
VOH
-40°C to 0°C
VCC -
1.085
VCC -
0.88
V
0°C to +85°C
VCC -
1.81
VCC -
1.62
Output Low Voltage
VOL
-40°C to 0°C
VCC -
1.83
VCC -
1.556
V
TTL SPECIFICATIONS
Output High Voltage
VOH
Sourcing 20µA
2.4
VCC
V
Output Low Voltage
VOL
Sinking 2mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com