Electronic Components Datasheet Search
  English  ▼

X  

SMS220 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SMS220
Description  Surface Mount Schottky Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMS220 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SMS220 Datasheet HTML 1Page - Diotec Semiconductor SMS220 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMS220 ... SMS2100
SMS220 ... SMS2100
Surface Mount Schottky Rectifier Diodes
Schottky-Gleichrichterdioden für die Oberflächenmontage
Version 2011-06-07
Dimensions - Maße [mm]
Nominal current
Nennstrom
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case MELF
Kunststoffgehäuse MELF
DO-213AB
Weight approx. – Gewicht ca.
0.12g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
SMS220
20
20
< 0.50
SMS230
30
30
< 0.50
SMS240
40
40
< 0.50
SMS250
50
50
< 0.70
SMS260
60
60
< 0.70
SMS290
90
90
< 0.79
SMS2100
100
100
< 0.79
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
12 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50/55 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12.5 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
IF = 2 A, Tj = 25°C
2
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - SMS220

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS220 DIOTEC-SMS220 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
Semikron International
SMS220 SEMIKRON-SMS220 Datasheet
139Kb / 2P
Schottky barrier rectifiers diodes
SMS220 SEMIKRON-SMS220 Datasheet
143Kb / 2P
Schottky barrier rectifiers diodes
logo
Shenzhen Luguang Electr...
SMS220 LUGUANG-SMS220 Datasheet
211Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SMS220 DIOTEC-SMS220 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SMS220

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com