Electronic Components Datasheet Search
  English  ▼

X  

PQ1R27 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1R27
Description  Low Power-Loss Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1R27 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1R27 Datasheet HTML 1Page - Sharp Corporation PQ1R27 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Vin
16
V
Vc
16
V
Io
240
mA
Pd
400
mW
Tj
150
˚C
Topr
-30 to +80
˚C
Tstg
-55 to +150
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
Tsol
260(For 10s)
˚C
*1 All are open except GND and applicable terminals.
*2 At surface-mounted condition
*3 Overheat protection may operate at 125<=Tj<=150˚C
*4
Electrical Characteristics (Unless otherwise specified, Vc=1.8V, Io=30mA.)
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output
voltage
PQ1R25
PQ1R27
PQ1R28
PQ1R30
PQ1R33
PQ1R47
PQ1R50
Vo
−
2.42
2.5
2.58
2.62
2.7
2.78
2.72
2.8
2.88
2.92
3.0
3.08
3.215
3.3
3.385
4.58
4.7
4.82
4.88
5.0
5.12
150
V
mA
mA
Output current
Io
−−
−
−
−
10
50
180
240
−
mV
−
20
100
mV
−
30
160
mV
Load regulation
RegL1
RegL2
RegL3
Io=5mA to 60mA
Io=5mA to 100mA
Io=5mA to 150mA
Line regulation
RegI
Vin=3.5 to 8.5V
−
3.0
20
mV
Temperature coefficient of output voltage
TcVo
Io=10mA,Tj= -25 to 75˚C
10kHz<f<100kHz,
Cn=0.1µF, Io=30mA
−
0.05
−
%/˚C
−
30
−
−
50
−
µV
Ripple rejection
RR
Vno
−
45
55
−
dB
Dropout voltage
Output noise
voltage
PQ1R25/27/28/30/33
PQ1R47/50
Vi-o1
Vi-o2
Io=60mA,*5
Io=150mA,*5
−
0.16
0.26
−
0.29
0.4
V
ON-state voltage for control
Vc(on)
−
1.8
−
−
V
ON-state current for control
Ic(on)
Vc=1.8V
−
12
30
µA
OFF-state voltage for control
Vc(off)
−−
−
−
0.6
V
170
350
µA
µA
Quiescent current
Iq
Io=0mA
Output OFF-state dissipation current
Iqs
Vin=8V,Vc=0.4V
Response time(Rise time)
tr
Io=30mA,Vc=0
→1.8V
Noise control terminal voltage
−−
−−
0.1
ms
−
0.3
−
V
−
1.25
−
*4 Output current shall be the value when output voltage lowers 0.3V from the voltage at Io=30mA.
*5 Input voltage shall be the value when output voltage is 95% in comparison with initial value.
*6 In case of opening control terminal 1, output voltage turns off.
Tec.PW960201-B
Low Power-Loss Voltage Regulator
PQ1R30 series
Recommended output current
As of January 1997
*1
*1
*2
*3
*6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com