Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5477 Datasheet HTML 1Page - Maxim Integrated Products MAX5477 Datasheet HTML 2Page - Maxim Integrated Products MAX5477 Datasheet HTML 3Page - Maxim Integrated Products MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
4
_______________________________________________________________________________________
Note 1:
All devices are production tested at TA = +25°C and are guaranteed by design and characterization for -40°C < TA < +85°C.
Note 2:
The DNL and INL are measured with the potentiometer configured as a voltage-divider with H_ = VDD and L_ = GND. The
wiper terminal is unloaded and measured with a high-input-impedance voltmeter.
Note 3:
The DNL and INL are measured with the potentiometer configured as a variable resistor. H_ is unconnected and L_ =
GND. For VDD = +5V, the wiper is driven with 400µA (MAX5477), 80µA (MAX5478), or 40µA (MAX5479). For VDD = +3V,
the wiper is driven with 200µA (MAX5477), 40µA (MAX5478), or 20µA (MAX5479).
Note 4:
The wiper resistance is measured using the source currents given in Note 3.
Note 5:
The devices draw current in excess of the specified supply current when the digital inputs are driven with voltages between
(VDD - 0.5V) and (GND + 0.5V). See Supply Current vs. Digital Input Voltage in the Typical Operating Characteristics.
Note 6:
Wiper at midscale with a 10pF load (DC measurement). L_ = GND, an AC source is applied to H_, and the W_ output is
measured. A 3dB bandwidth occurs when the AC W_/H_ value is 3dB lower than the DC W_/H_ value.
Note 7:
The programming current exists only during power-up and EEPROM writes.
Note 8:
The SCL clock period includes rise and fall times (tR = tF). All digital input signals are specified with tR = tF = 2ns and
timed from a voltage level of (VIL + VIH) / 2.
Note 9:
Digital timing is guaranteed by design and characterization, and is not production tested.
Note 10: This is measured from the STOP pulse to the time it takes the output to reach 50% of the output step size (divider mode). It
is measured with a maximum external capacitive load of 10pF.
Note 11: An appropriate bus pullup resistance must be selected depending on board capacitance. Refer to the I
2C-bus specifica-
tion document linked to this web address: www.semiconductors.philips.com/acrobat/literature/9398/39340011.pdf
Note 12: The idle time begins from the initiation of the STOP pulse.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL High Time
tHIGH
0.6
µs
SCL Low Time
tLOW
1.3
µs
Data Setup Time
tSU:DAT
100
ns
Data Hold Time
tHD:DAT
0
0.9
µs
SDA, SCL Rise Time
tR
300
ns
SDA, SCL Fall Time
tF
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
µs
Bus Free Time Between STOP
and START Condition
tBUF
Minimum power-up rate = 0.2V/µs
1.3
µs
Pulse Width of Spike Suppressed
tSP
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 11)
400
pF
Write NV Register Busy Time
(Note 12)
12
ms
TIMING CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, H_ = VDD, L_ = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V,
TA = +25°C. See Figure 1.) (Notes 8 and 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com