Electronic Components Datasheet Search
  English  ▼

X  

MAX5943DEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5943DEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943DEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5943DEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 16Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
______________________________________________________________________________________
13
Timing accuracy is guaranteed for RTIM ranging from
4kΩ to 50kΩ. Large RTIM values can be used, which
reduces timing accuracy. A maximum timeout period is
enforced to prevent arbitrarily long operation in current-
limit/circuit-breaker conditions.
Long durations in current-limit/circuit-breaker mode
may produce excessive heating and electrical stresses
in RSENSE, Q1, Q2, and any other components in the
power path. Use component values rated to handle
electrical stresses during the timeout period.
Power-Supply ORing (ONQ1 = Low)
GATE1 controls the MAX5943 ORing function. The
MAX5943 accomplishes a very-low-voltage-drop diode
ORing function using an n-channel power MOSFET, Q1.
Initially, GATE1 is off (ONQ1 = low) and the load current
conducts through the body diode of Q1 (Figure 4).
GATE1 rises to 5.5V above SENSE when VIS exceeds
VOR, enhancing Q1. Q1’s low RDS(ON) provides a very-
low-voltage drop across its source to drain, reducing volt-
age drop, power dissipation, and heat generation in the
power-supply path created by a traditional diode.
The MAX5943 continuously monitors the load current
by the voltage drop, VIS, across the current-sensing
resistor. Q1 turns off rapidly when VIS decreases below
VOR minus its hysteresis.
Set the MAX5943 ORing threshold (VOR) by connecting
OR_ADJ to GND for a 5mV threshold, or to IN for a
10mV threshold, or leave it open for a 7.5mV threshold.
Connect ONQ1 to GND for normal ORing function.
Drive ONQ1 high to force Q1 on, regardless of the load
current condition, as long as the voltages at IN and ON
exceed VUVLO and VON_REF, respectively, and the
device is not in a current fault shutdown.
When a higher voltage supply is connected at OUT
(Figure 5), the sense voltage drops below the program-
mable ORing threshold. The MAX5943 immediately
turns off Q1, blocking reverse current flow from OUT to
IN. The power is then routed from the higher supply
input to the load (Figure 6).
SENSE
GATE1
OR_ADJ
ONQ1
GND
GATE2
OUT
Q1
Q2
IN
TO FireWire
PORT
MAX5943
ON
VIN
RSENSE
+
VIS
-
Figure 4. Q1 Current Path During Inital Startup
ILOAD
RSENSE
SENSE GATE1
OR_ADJ
ONQ1
GND
GATE2
OUT
IN
VINA
VINB > VINA
FROM
BATTERY
SOURCE
TO FireWire
PORT
IINA = 0
MAX5943
ON
RSENSE
SENSE GATE1
OR_ADJ
ONQ1
GND
GATE2
OUT
IN
VINB
FROM
POWER
SOURCE
IINB
MAX5943
ON
Figure 5. MAX5943 ORing Controller Rerouting Load Current
VINA
IINA
IINB
VINB
VINB > VINA
VOUT
Figure 6. MAX5943 Power Switch Over ORing Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com