Electronic Components Datasheet Search
  English  ▼

X  

MAX6029 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6029
Description  Ultra-Low-Power Precision Series Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6029 Datasheet HTML 1Page - Maxim Integrated Products MAX6029 Datasheet HTML 2Page - Maxim Integrated Products MAX6029 Datasheet HTML 3Page - Maxim Integrated Products MAX6029 Datasheet HTML 4Page - Maxim Integrated Products MAX6029 Datasheet HTML 5Page - Maxim Integrated Products MAX6029 Datasheet HTML 6Page - Maxim Integrated Products MAX6029 Datasheet HTML 7Page - Maxim Integrated Products MAX6029 Datasheet HTML 8Page - Maxim Integrated Products MAX6029 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ultra-Low-Power Precision Series
Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +13V
OUT to GND ..............-0.3V to the lower of +6V and (VIN + 0.3V)
Output to GND Short-Circuit Duration........................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
8-Pin SO (derate 5.9mW/°C above +70°C)...............470.6mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—MAX6029_21 (VOUT = 2.048V)
(VIN = 2.5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage
VOUT
TA = +25
°C
2.0449
2.0480
2.0511
V
Output Voltage Temperature
Coefficient
TCVOUT
(Notes 2, 3)
30
ppm/
°C
Line Regulation
∆VOUT/∆VIN VIN = 2.5V to 12.6V
27
200
µV/V
IOUT = 0 to 4mA
0.22
0.7
Load Regulation
∆VOUT/
∆IOUT
IOUT = 0 to -1mA
2.4
5.5
µV/µA
Output Short-Circuit Current
ISC
60
mA
Long-Term Stability
∆VOUT/time 1000 hours at +25°C
150
ppm
Thermal Hysteresis
(Note 4)
140
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
30
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
115
µVRMS
Ripple Rejection
∆VOUT/∆VIN VIN = 2.5V ±200mV, f = 120Hz
43
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value
450
µs
INPUT
Supply Voltage Range
VIN
2.5
12.6
V
Supply Current
IIN
5.25
µA
Change in Supply Current
IIN/VIN
VIN = 2.5V to 12.6V
1.5
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com