Electronic Components Datasheet Search
  English  ▼

X  

MAX6029ESA25 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6029ESA25
Description  Ultra-Low-Power Precision Series Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029ESA25 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6029ESA25 Datasheet HTML 8Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 9Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 10Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 11Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 12Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 13Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 14Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 15Page - Maxim Integrated Products MAX6029ESA25 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ultra-Low-Power Precision Series
Voltage Reference
______________________________________________________________________________________
13
Applications Information
Input Bypassing
The MAX6029 does not require an input bypass capac-
itor. For improved transient performance, bypass the
input to ground with a 0.1µF ceramic capacitor. Place
the capacitor as close to IN as possible.
Load Capacitance
The MAX6029 does not require an output capacitor for
stability. The MAX6029 is stable driving capacitive
loads from 0 to 100pF and 0.1µF to 10µF when sourc-
ing current and from 0 to 0.4µF when sinking current. In
applications where the load or the supply can experi-
ence step changes, an output capacitor reduces the
amount of overshoot (undershoot) and improves the cir-
cuit’s transient response. Many applications do not
require an external capacitor, and the MAX6029 offers
a significant advantage in applications where board
space is critical.
Supply Current
The quiescent supply current of the series-mode
MAX6029 is very small, 5.25µA (max), and is very sta-
ble against changes in the supply voltage with only
1.5µA/V (max) variation with supply voltage. The
MAX6029 family draws load current from the input volt-
age source only when required, so supply current is not
wasted and efficiency is maximized at all input volt-
ages. This improved efficiency reduces power dissipa-
tion and extends battery life.
Output Thermal Hysteresis
Output thermal hysteresis is the change of the output
voltage at TA = +25°C before and after the device is
cycled over its entire operating temperature range.
Hysteresis is caused by differential package stress
appearing across the device.
Temperature Coefficient vs. Operating
Temperature Range for a 1LSB
Maximum Error
In a data converter application, the reference voltage of
the converter must stay within a certain limit to keep the
error in the data converter smaller than the resolution
limit through the operating temperature range. Figure 1
shows the maximum allowable reference voltage temper-
ature coefficient to keep the conversion error to less than
1 LSB, as a function of the operating temperature range
(TMAX - TMIN) with the converter resolution as a parame-
ter. The graph assumes the reference-voltage tempera-
ture coefficient as the only parameter affecting accuracy.
In reality, the absolute static accuracy of a data convert-
er is dependent on the combination of many parameters
such as integral nonlinearity, differential nonlinearity, off-
set error, gain error, as well as voltage reference
changes.
Turn-On Time
These devices turn on and settle to within 0.1% of their
final value in less than 1ms. The turn-on time increases
when heavily loaded and operating close to dropout.
Pin Description
PIN
SOT23
SO
NAME
FUNCTION
12
IN
Positive Voltage Supply
24
GND
Ground
3, 4
1, 3, 5, 7,
8
N.C.
No Connection. Leave
unconnected or connect to
ground.
56
OUT
Reference Output
TEMPERATURE
COEFFICIENT
(ppm/
°C)
110
100
16-BIT
14-BIT
12-BIT
10-BIT
8-BIT
0.01
0.1
10
100
1000
1
10,000
18-BIT
20-BIT
OPERATING TEMPERATURE RANGE (TMAX - TMIN) (
°C)
Figure 1. Temperature Coefficient vs. Operating Temperature Range for a 1 LSB Maximum Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com