Electronic Components Datasheet Search
  English  ▼

X  

PQ3DF53 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ3DF53
Description  3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3DF53 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ3DF53 Datasheet HTML 1Page - Sharp Corporation PQ3DF53 Datasheet HTML 2Page - Sharp Corporation PQ3DF53 Datasheet HTML 3Page - Sharp Corporation PQ3DF53 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ3DF53
3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
s Outline Dimensions
(Unit : mm)
s Features
¡TO-3P package
¡Low power-loss (Dropout voltage : MAX. 0.5V at Io=5A)
¡3.3V output
¡High output current (5A)
¡High-precision output voltage type
(Output voltage precision :
±2.5%)
¡Built-in ON/OFF cotrol function
¡Built-in overcurrent protection, overheat protection
function
s Applications
¡Power supplies for various electronic equipment such as
personal computers
PQ3DF53
PQ3DF53
1
2
4
3
4.5±0.2
17.0MAX
2.0±0.2
12345
6
4-(2.54)
5-0.8±0.2
(0.6)
(1.4)
IC
chip
Reference
voltage
Comparator
Controller
1 DC input (VIN)
26DC output (VO)
3 GND
4 ON/OFF control
terminal (VC)
5 NC
Internal connection diagram
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
10
10
5.0
2.2
60
150
-20 to + 80
-40 to +150
260 (For 10s)
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation (No heat sink)
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*1 All are open except GND and applicable terminals.
*2 Overheat protection may operate at 125=<Tj=<150˚C.
s Absolute Maximum Ratings
(Ta=25˚C)
· Please refer to the chapter“ Handling Precautions ”.


Similar Part No. - PQ3DF53

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3DZ13 SHARP-PQ3DZ13 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ13 SHARP-PQ3DZ13 Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ13U SHARP-PQ3DZ13U Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ3DF53

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RD13 SHARP-PQ3RD13 Datasheet
20Kb / 2P
3.3V Output, High Cost Performance Low Power-Loss Voltage Regulator
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF43 SHARP-PQ3RF43 Datasheet
30Kb / 4P
3.3V/4.6V Output Low Power-Loss Voltage Regulator
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
Large Output Current Type Low Power-Loss Voltage Regulator
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
Large Output Current Type Low Power-Loss Voltage Regulator
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com