Electronic Components Datasheet Search
  English  ▼

X  

MAX6971 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6971
Description  16-Port, 36V Constant-Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6971 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6971 Datasheet HTML 1Page - Maxim Integrated Products MAX6971 Datasheet HTML 2Page - Maxim Integrated Products MAX6971 Datasheet HTML 3Page - Maxim Integrated Products MAX6971 Datasheet HTML 4Page - Maxim Integrated Products MAX6971 Datasheet HTML 5Page - Maxim Integrated Products MAX6971 Datasheet HTML 6Page - Maxim Integrated Products MAX6971 Datasheet HTML 7Page - Maxim Integrated Products MAX6971 Datasheet HTML 8Page - Maxim Integrated Products MAX6971 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
16-Port, 36V Constant-Current LED Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage with respect to GND.
V+ ............................................................................-0.3V to +6V
OUT_ .....................................................................-0.3V to +40V
DIN, CLK, LE, OE, SET ................................-0.3V to (V+ + 0.3V)
DOUT Current ..................................................................±10mA
OUT_ Sink Current .............................................................60mA
Total GND Current ...........................................................960mA
Continuous Power Dissipation (TA = +70°C)
24-Pin TSSOP (derate 12.2mW/°C over +70°C) ..........975mW
24-Pin PDIP (derate 13.3mW/°C over +70°C)............1067mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, V+ = 3V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 5V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
3.0
5.5
V
Output Voltage
VOUT
36
V
Standby Current
(Interface Idle, All Output Ports
High Impedance, RSET = 360
Ω)
I+
All logic inputs at V+ or GND, DOUT
unloaded
5.7
8
mA
Standby Current
(Interface Running, All Output
Ports High Impedance,
RSET = 360
Ω)
I+
fCLK = 5MHz, OE = V+, DIN and LE = V+
or GND, DOUT unloaded
6
8.5
mA
Supply Current
(Interface Idle, All Output Ports
Active Low, RSET = 360
Ω)
I+
All logic inputs at V+ or GND,
DOUT unloaded
18
25
mA
Input High Voltage
DIN, CLK, LE,
OE
VIH
0.7 x
V+
V
Input Low Voltage
DIN, CLK, LE,
OE
VIL
0.3 x
V+
V
Hysteresis Voltage
DIN, CLK, LE,
OE
ΔVI
0.8
V
Input Leakage Current
DIN, CLK, LE,
OE
IIH, IIL
-1
+1
µA
Output High-Voltage DOUT
VOH
ISOURCE = 4mA
V+
- 0.5V
V
Output Low Voltage
VOL
ISINK = 4mA
0.5
V
Output Current OUT_
IOUT
V+ = 3V to 5.5V, VOUT = 0.8V to 2.5V,
RSET = 360
Ω
37
50
61
mA
Output Leakage Current OUT_
ILEAK
OE = V+
1
µA
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com