Electronic Components Datasheet Search
  English  ▼

X  

ZX10 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZX10
Description  Silicon-Power-Z-Diodes (non-planar technology)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZX10 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZX10 Datasheet HTML 1Page - Diotec Semiconductor ZX10 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZX10 ... ZX200 (12.5 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 1)
Zener-Spannung 1)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Max. Z-current
Max. Z-Strom
TA = 50°C
Vzmin [V] Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 / °C]
VR [V]
IZ [mA] 2) IZ [mA] 3)
ZX10
9.4
10.6
50
2 (<4)
+5…+9
>5
130
1050
ZX11
10.4
11.6
50
3 (<6)
+5…+10
>5
120
970
ZX12
11.4
12.7
50
4 (<7)
+5…+10
>7
110
880
ZX13
12.4
14.1
50
5 (<9)
+5…+10
>7
100
790
ZX15
13.8
15.6
50
5 (<10)
+5…+10
>10
90
720
ZX16
15.3
17.1
25
6 (<12)
+6…+11
>10
82
650
ZX18
16.8
19.1
25
6 (<15)
+6…+11
>10
74
580
ZX20
18.8
21.2
25
6 (<15)
+6…+11
>10
66
530
ZX22
20.8
23.3
25
6 (<15)
+6…+11
>12
60
480
ZX24
22.8
25.6
25
7 (<15)
+6…+11
>12
55
430
ZX27
25.1
28.9
25
7 (<15)
+6…+11
>14
49
380
ZX30
28
32
25
8 (<15)
+6…+11
>14
44
350
ZX33
31
35
25
8 (<15)
+6…+11
>17
40
320
ZX36
34
38
10
16 (<30)
+6…+11
>17
37
290
ZX39
37
41
10
20 (<40)
+6…+11
>20
34
270
ZX43
40
46
10
24 (<40)
+7…+12
>20
31
245
ZX47
44
50
10
24 (<40)
+7…+12
>24
28
225
ZX51
48
54
10
25 (<60)
+7…+12
>24
26
200
ZX56
52
60
10
25 (<60)
+7…+12
>28
23
185
ZX62
58
66
10
25 (<80)
+8…+13
>28
21
170
ZX68
64
72
10
25 (<80)
+8…+13
>34
20
155
ZX75
70
79
10
30 (<100)
+8…+13
>34
18
140
ZX82
77
88
10
30 (<100)
+8…+13
>41
16
125
ZX91
85
96
5
40 (<150)
+9…+13
>41
15
115
ZX100
94
106
5
60 (<150)
+9…+13
>50
13
105
ZX110
104
116
5
80 (<200)
+9…+13
>50
12
97
ZX120
114
127
5
80 (<200)
+9…+13
>60
11
89
ZX130
124
141
5
90 (<250)
+9…+13
>60
10
80
ZX150
138
156
5
100 (<250)
+9…+13
>75
9
72
ZX160
153
171
5
110 (<300)
+9…+13
>75
8
66
ZX180
168
191
5
120 (<350)
+9…+13
>90
7
59
ZX200
188
212
5
150 (<350)
+9…+13
>90
7
53
1
Tested with pulses – Gemessen mit Impulsen
2
Without cooling fin – Ohne Kühlblech
3
Valid if mounted on vertical cooling fin 150 cm² – Gültig bei Montage auf senkrecht stehendem Kühlblech 150 cm2
© Diotec Semiconductor AG
http://www.diotec.com/
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com