Electronic Components Datasheet Search
  English  ▼

X  

PT460F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PT460F
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT460F Datasheet(HTML) 6 Page - Sharp Corporation

  PT460F Datasheet HTML 1Page - Sharp Corporation PT460F Datasheet HTML 2Page - Sharp Corporation PT460F Datasheet HTML 3Page - Sharp Corporation PT460F Datasheet HTML 4Page - Sharp Corporation PT460F Datasheet HTML 5Page - Sharp Corporation PT460F Datasheet HTML 6Page - Sharp Corporation PT460F Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
02468
10
0.2
0.4
0.6
0.8
1.0
0.1mA
0.5mA
1.0mA
0.01
0.1
1
0
1
1mA
2mA
5mA
10mA
0.01
0.1
1
0
1
2
1mA
2mA
5mA
10mA
PT460/PT460F/PT461/PT461F/PT465F
Fig. 9-b Collector-emitter Saturation
Voltage vs. Irradiance
( PT460F/465F )
Fig. 9-c Collector-emitter Saturation
Voltage vs. Irradiance
(PT461 )
Fig. 9-d Collector-emitter Saturation
Voltage vs. Irradiance
(PT461F )
IC = 0.05mA
IC = 0.5mA
IC = 0.5mA
( mW/cm2)
Irradiance E e ( mW/cm
2)
Irradiance E e ( mW/cm
2)
Irradiance E e



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com