Electronic Components Datasheet Search
  English  ▼

X  

PT481 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT481
Description  Narrow Acceptance High Sensitivity Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT481 Datasheet(HTML) 2 Page - Sharp Corporation

  PT481 Datasheet HTML 1Page - Sharp Corporation PT481 Datasheet HTML 2Page - Sharp Corporation PT481 Datasheet HTML 3Page - Sharp Corporation PT481 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT481/PT481F/PT483F1
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
current
PT481
IC
V CE =2V
Ee = 0.1mW/cm2
1.5
10
25
mA
PT481F
0.9
-
27
mA
PT483F1
1.5
-
4.0
mA
Collector dark current
ICEO
V CE = 10V, E e =0
-
-
10-6
A
*2 Collector-emitter saturation voltage
V CE(sat)
-
0.7
1.0
V
Ee = 1mW/cm2
λp
-
800
-
nm
-
-
860
-
nm
t r
VCE = 2V, I C = 10mA
-
80
-
µ s
tf
RL = 100
Ω
-70
-
µ s
Ic = 2.5mA
*2 Collector
( Ta = 25˚C)
*2 E e : Irradiance by CIE standard light source A ( tungsten lamp )
Peak emission
PT481
wavelength
PT481F/PT483F1
Response time
Rise time
Fall time
- 25
0
20
10
30
50
40
60
80
70
25
0
50
100
75
85
- 25
0
25
50
75
100
10 -11
5
5
5
5
5
5
5
5
10 -10
10 -8
10 -7
10 -6
10 -5
10 -4
VCE
= 10V
Ambient temperature Ta (˚C)
- 25
0
25
50
75
100
50
75
100
125
150
175
10-1
10
25
25
1
2
5
20
50
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
10 -9
Irradiance Ee ( mW/cm
2)
Fig. 1 Collector Power Dissipation vs.
Ambient Temperature
Fig. 2 Collector Dark Current vs.
Ambient Temperature
Fig. 3 Relative Collector Current vs.
Ambient Temperature
(PT481 )
VCE =2V
T a = 25˚C
VCE =2V
Ee = 0.1mW/cm
2
Fig.4-a Collector Current vs. Irradiance
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com