Electronic Components Datasheet Search
  English  ▼

X  

PT501 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT501
Description  TO-18 Type Narrow Acceptance Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT501 Datasheet(HTML) 1 Page - Sharp Corporation

  PT501 Datasheet HTML 1Page - Sharp Corporation PT501 Datasheet HTML 2Page - Sharp Corporation PT501 Datasheet HTML 3Page - Sharp Corporation PT501 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT501/PT510
s Outline Dimensions
s Absolute Maximum Ratings
( Ta = 25˚C)
s Electro-optical Characteristics
( Ta = 25˚C)
Acceptance Phototransistor
s Features
s Applications
1. Optoelectronic switches, optoelectronic
counters
2. Smoke detectors
3. Infrared applied systems
PT501/PT510
PT510
Glass
lens
2.5
Glass
lens
2.5
PT501
1
3
2
2
3
1
1.0
45˚
1.0
45˚
1
1 Collector (Case)
2 Base
3 Emitter
1 Collector
1
2 Emitter
2
2
1. Narrow acceptance (
∆θ : TYP. ± 6˚ )
3. With base terminal : PT510
*1 For 10 seconds at the position of 1.3mm from the bottom face of can package
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
*2Collector current
IC
2.5
PT501
10
-mA
PT510
20
Collector dark current
ICEO
VCE = 30V, Ee =0
-
2 x10 -9
10-7
A
*2Collector-emitter saturation voltage
VCE (sat) IC
= 10mW/cm2
-
0.2
-
V
Peak sensitivity wavelength
λP
-
800
-
nm
Response
time
Rise time
t r
V CE = 2V, I C = 2mA,
-
PT501
10
-
µs
PT510
2
Fall time
tf
-
PT501
10
-
µs
PT510
3
TO-18 Type Narrow
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
VCE = 5V, E e= 10mW/cm2
Parameter
Symbol
PT501
PT510
Unit
Collector-emitter voltage
V CEO
45
35
V
Emitter-collector voltage
V ECO
66
V
Collector-base voltage
V CBO
-35
V
Emitter-base voltage
V EBO
-6
V
Collector power dissipation
P C
75
75
mW
Operating temperature
T opr
- 25 to + 125
- 25 to + 125
˚C
Storage temperature
T stg
- 55 to + 150
- 55 to + 150
˚C
*1 Soldering temperature
T sol
260
260
˚C
( Unit : mm )
RL = 100
Ω (PT501 :1kΩ )
*2 E e : Irradiance by CIE standard light source A ( tungsten lamp)
2. TO -18 type standard package
= 1mA, E e
φ 0.45
φ 0.45
φ 2.5
φ5.7MAX.
φ5.7MAX.
φ 4.7±0.1
φ 4.7±0.1


Similar Part No. - PT501

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT501K0402B1 AMPHENOL-PT501K0402B1 Datasheet
62Kb / 4P
Thermometrics Thin-Film Resistance Elements
PT501K0403B1 AMPHENOL-PT501K0403B1 Datasheet
62Kb / 4P
Thermometrics Thin-Film Resistance Elements
PT501K1002B1 AMPHENOL-PT501K1002B1 Datasheet
62Kb / 4P
Thermometrics Thin-Film Resistance Elements
PT501K1003B1 AMPHENOL-PT501K1003B1 Datasheet
62Kb / 4P
Thermometrics Thin-Film Resistance Elements
More results

Similar Description - PT501

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
logo
Sharp Corporation
PD480PI SHARP-PD480PI Datasheet
45Kb / 3P
High Speed, Narrow Acceptance Photodiodes
PT480 SHARP-PT480 Datasheet
54Kb / 4P
Narrow Acceptance Phototransistor
PT481 SHARP-PT481 Datasheet
66Kb / 4P
Narrow Acceptance High Sensitivity Phototransistor
PT491 SHARP-PT491 Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT495F SHARP-PT495F Datasheet
43Kb / 3P
Intermediate Acceptance High Sensitivity Phototransistor
PT550 SHARP-PT550 Datasheet
62Kb / 4P
TO-18 Type Phototransistor with Base Terminal
PT431 SHARP-PT431 Datasheet
153Kb / 4P
NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
PT430 SHARP-PT430 Datasheet
154Kb / 4P
Narrow Acceptance Phototransistor
PT361 SHARP-PT361 Datasheet
114Kb / 3P
COMPACT TYPE INTERMEDIATE ACCEPTANCE PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com