Electronic Components Datasheet Search
  English  ▼

X  

MAX13042E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13042E
Description  Evaluation Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13042E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13042E Datasheet HTML 1Page - Maxim Integrated Products MAX13042E Datasheet HTML 2Page - Maxim Integrated Products MAX13042E Datasheet HTML 3Page - Maxim Integrated Products MAX13042E Datasheet HTML 4Page - Maxim Integrated Products MAX13042E Datasheet HTML 5Page - Maxim Integrated Products MAX13042E Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX13042E evaluation kit (EV kit) demonstrates
the MAX13042E 4-channel, bidirectional logic-level
translator, featured in a tiny 12-bump UCSP™ package.
The MAX13042E translates between VL and VCC logic
levels and guarantees data rates up to 100Mbps.
As configured, the EV kit dedicates two channels for
translation between VL to VCC and two channels for
translation between VCC to VL. The EV kit gives the
option of using SMA connectors or test points at the
input signal lines, while providing scope probe jacks for
monitoring the outputs. The VL range is 1.62V to 3.2V
and the ±15kV ESD-protected VCC range is 2.2V to 3.6V.
Features
♦ Supply Voltage Ranges
1.62V to 3.2V (VL)
2.2V to 3.6V (VCC)
♦ ±15kV ESD Protection on I/O VCC Lines
♦ Two Dedicated Channels to Allow Translation
from VL to VCC
♦ Two Dedicated Channels to Allow Translation
from VCC to VL
♦ 100Mbps Guaranteed Data Rates
♦ Enable Input
♦ SMA Inputs and 5mm Scope Probe Jack Outputs
♦ 12-Bump UCSP (1.54mm x 2.12mm) Package
♦ Fully Assembled and Tested
MAX13042E Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-1015; Rev 1; 2/08
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Component Suppliers
+
Denotes lead-free and RoHS-compliant.
Note: Indicate that you are using the MAX13042E when con-
tacting these component suppliers.
UCSP is a trademark of Maxim Integrated Products, Inc.
PART
TYPE
MAX13042EEVKIT+
EV Kit
DESIGNATION QTY
DESCRIPTION
C1, C2
2
0.1µF ±10%, 16V X7R ceramic
capacitors (0402)
Murata GRM155R71C104K
TDK C1005X7R1C104K
C3
1
1µF ±10%, 6.3V X5R ceramic
capacitors (0402)
Murata GRM155R60J105K
TDK C1005X5R0J105K
IVL1, IVL2,
IVCC3, IVCC4
4
SMA PCB vertical mounts
JU1
1
3-pin header
JU2–JU5
4
2-pin headers
OVCC1,
OVCC2, OVL3,
OVL4
4
5mm scope probe jacks
R1–R8
8
0
Ω resistors (0603)
R9–R12
4
49.9
Ω ±1% resistors (0402)
TP1–TP4
0
Not installed, test points
U1
1
4-channel, bidirectional logic-level
translator
(12-bump UCSP, 1.54mm x 2.12mm)
Maxim MAX13042EEBC+
(Top Mark: ADQ)
—
5
Shunts
—
1
PCB: MAX13042E EV Kit+
SUPPLIER
PHONE
WEBSITE
Murata Mfg. Co., Ltd.770-436-1300
www.murata.com
TDK Corp.
847-803-6100
www.component.tdk.com


Similar Part No. - MAX13042E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13042E MAXIM-MAX13042E Datasheet
427Kb / 14P
1.62V to 3.6V Improved High-Speed LLT
Rev 0; 4/07
MAX13042E MAXIM-MAX13042E Datasheet
119Kb / 6P
Two Dedicated Channels to Allow Translation from VCC to VL
Rev 1; 2/08
MAX13042EEBC+T MAXIM-MAX13042EEBC+T Datasheet
427Kb / 14P
1.62V to 3.6V Improved High-Speed LLT
Rev 0; 4/07
MAX13042EETD+T MAXIM-MAX13042EETD+T Datasheet
427Kb / 14P
1.62V to 3.6V Improved High-Speed LLT
Rev 0; 4/07
MAX13042EEVKIT MAXIM-MAX13042EEVKIT Datasheet
119Kb / 6P
Two Dedicated Channels to Allow Translation from VCC to VL
Rev 1; 2/08
More results

Similar Description - MAX13042E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com