Electronic Components Datasheet Search
  English  ▼

X  

PT550 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT550
Description  TO-18 Type Phototransistor with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT550 Datasheet(HTML) 1 Page - Sharp Corporation

  PT550 Datasheet HTML 1Page - Sharp Corporation PT550 Datasheet HTML 2Page - Sharp Corporation PT550 Datasheet HTML 3Page - Sharp Corporation PT550 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Outline Dimensions
s Absolute Maximum Ratings
( Ta = 25˚C)
s Electro-optical Characteristics
( Ta = 25˚C)
PT550/PT550F
TO-18 Type Phototransistor
with Base Terminal
s Features
s Applications
1. High sensitivity
1. Optoelectronic switches, optoelectronic
counters
2. Smoke detectors
3. Infrared applied systems
(
PT550/PT550F
1
3
2.5
PT550
2
3
1
1.0
45 ˚
2.5
PT550F
2
2
3
1.0
45 ˚
1
*1 For 10 seconds at the position of 1.3mm from the bottom face of can package
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
PT550
PT550F
*2Collector current
IC
VCE =5V
VCE =5V
320
mA
Ee = 0.1mW/cm2
Ee = 1mW/cm2
Collector dark current
ICEO
-10-7
A
Collecter-emitter saturation
VCE(sat)
IC
IC
--
V
Ee = 0.1mW/cm2
Ee = 1mW/cm2
voltage
-
-
800
nm
-
350
µs
-
300
µs
Peak sensitivity wavelength
λP
Response
time
Rise time
t r
Fall time
tf
VCE = 10V, E e
1 Collector ( Case ) 2 Base
3 Emitter
(
∆θ : TYP. ± 6˚ )
(
∆θ : TYP. ± 50˚ )
PT550
IC : MIN.3mA at E e = 0.1mW/cm
2
PT550F IC : MIN.3mA at E e = 1mW/cm
2
2. Narrow acceptance : PT550
Wide acceptance : PT550F
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
( Unit : mm)
Parameter
Symbol
Rating
Unit
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector-base voltage
V CBO
35
V
Collector current
IC
100
mA
Collector power dissipation
P C
150
mW
Operating temperature
T opr
- 25 to + 125
˚C
Storage temperature
T stg
- 55 to + 150
˚C
*1 Soldering temperature
T sol
260
˚C
V CC = 15V, IC = 1mA, R L =1k
Ω
*2 E e : Irradiance by CIE standard light source A ( tungsten lamp )
= 1mA, I B=0
= 0, I B =0
= 1mA, I B =0
PT550
142
PT550F
150
10 -6
1.0
-
-
-
3. TO - 18 type standard package
φ 3.0 ± 0.1
φ 0.45
φ 0.45
φ 2.5
φ 2.5
φ 5.7 MAX.
φ 5.7MAX.
φ4.7±0.1
φ 4.7±0.1
(


Similar Part No. - PT550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5500 TI-PT5500 Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5501 TI-PT5501 Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5501A TI-PT5501A Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5501C TI-PT5501C Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5501N TI-PT5501N Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT550

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT501 SHARP-PT501 Datasheet
63Kb / 4P
TO-18 Type Narrow Acceptance Phototransistor
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
SFH601 VISHAY-SFH601_08 Datasheet
142Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
25-Jan-08
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com