Electronic Components Datasheet Search
  English  ▼

X  

MAX13047E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13047E
Description  Single- and Dual-Bidirectional Low-Level Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13047E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13047E Datasheet HTML 1Page - Maxim Integrated Products MAX13047E Datasheet HTML 2Page - Maxim Integrated Products MAX13047E Datasheet HTML 3Page - Maxim Integrated Products MAX13047E Datasheet HTML 4Page - Maxim Integrated Products MAX13047E Datasheet HTML 5Page - Maxim Integrated Products MAX13047E Datasheet HTML 6Page - Maxim Integrated Products MAX13047E Datasheet HTML 7Page - Maxim Integrated Products MAX13047E Datasheet HTML 8Page - Maxim Integrated Products MAX13047E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Single- and Dual-Bidirectional
Low-Level Translator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.1V to minimum of either +3.6V or ((VCC + 0.3V)), I/O VL and I/O VCC are unconnected, TA = -40°C to
+85°C, unless otherwise noted. Typical values are VCC = +3.3V, VL = +1.8V at TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
VL..............................................................................-0.3V to +4V
I/O VCC .......................................................-0.3V to (VCC + 0.3V)
I/O VL ............................................................-0.3V to (VL + 0.3V)
SHDN........................................................................-0.3V to +6V
Short-Circuit Duration I/O VL, I/O VCC to GND...........Continuous
Power Dissipation (TA = +70°C)
6-Pin µDFN (derate 2.1mW/°C above +70°C) .............168mW
10-Pin UTQFN (derate 6.9mW/°C above +70°C).........559mW
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)
6-Pin µDFN .................................................................477°C/W
10-Pin UTQFN ...........................................................20.1°C/W
Junction-to-Ambient Thermal Resistance (
θJC) (Note 1)
6-Pin µDFN ................................................................20.1°C/W
10-Pin UTQFN .........................................................143.1°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VCC > 3.3V
1.1
3.6V
VL Supply Range
VL
VCC
≤ 3.3V
1.1
VCC + 0.3V
V
VCC Supply Range
VCC
1.65
5.5
V
Supply Current from VCC
IQVCC
10
µA
Supply Current from VL
IQVL
15
µA
VCC Shutdown-Mode Supply Current
ISD-VCC
TA = +25°C, SHDN = GND
0.03
1µA
VL Shutdown-Mode Supply Current
ISD-VL
TA = +25°C, SHDN = GND
0.03
1µA
I/O VL and I/O VCC Shutdown-Mode
Leakage Current
ISD-LKG
TA = +25°C, SHDN = GND
0.02
0.5
µA
SHDN Input Leakage
TA = +25°C
0.02
0.1
µA
ESD PROTECTION
Human Body Model
±15V
IEC 61000-4-2 Air-Gap Discharge
±15V
I/O VCC (Note 4)
IEC 61000-4-2 Contact Discharge
±8V
kV
All Other Pins
Human Body Model
±2
kV
LOGIC-LEVEL THRESHOLDS
I/O VL Input-Voltage High
VIHL
VL -
0.2
V
I/O VL Input-Voltage Low
VILL
0.15
V
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com