Electronic Components Datasheet Search
  English  ▼

X  

S101D01 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S101D01
Description  16-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101D01 Datasheet(HTML) 3 Page - Sharp Corporation

  S101D01 Datasheet HTML 1Page - Sharp Corporation S101D01 Datasheet HTML 2Page - Sharp Corporation S101D01 Datasheet HTML 3Page - Sharp Corporation S101D01 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0
2
4
6
8
10
12
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0
2
4
6
8
10
12
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
T ( V )
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward current I F ( mA )
10
10
20
30
40
50
100
20
30
40
50
100
60
70
80
90
S101D01/S101D02/S201D01/S201D02
Fig. 5 Minimum Trigger Current vs.
Ambient Temperature
Fig. 6 Minimum Trigger Current vs.
Ambient Temperature
Fig. 8 Relative Holding Current vs.
Ambient Temperature
(S101D02 , S201D02 )(S201D01 )
Fig. 7 ON-state Voltage vs.
Ambient Temperature
Fig. 9 ON-state Current vs.
ON-state Voltage
(S101D01 )
Fig.10 Turn-on Time vs. Forward Current
ON-state voltage V
VD=6V
RL= 100Ω
VD=6V
RL= 100Ω
V D =6V
103
102
101
IT = 1.2A
IF= 20mA
Ta= 25˚C
VD=6V
RL= 100Ω
Ta= 25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com