Electronic Components Datasheet Search
  English  ▼

X  

MAX14521E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14521E
Description  Quad, High-Voltage EL Lamp Driver with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14521E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14521E Datasheet HTML 1Page - Maxim Integrated Products MAX14521E Datasheet HTML 2Page - Maxim Integrated Products MAX14521E Datasheet HTML 3Page - Maxim Integrated Products MAX14521E Datasheet HTML 4Page - Maxim Integrated Products MAX14521E Datasheet HTML 5Page - Maxim Integrated Products MAX14521E Datasheet HTML 6Page - Maxim Integrated Products MAX14521E Datasheet HTML 7Page - Maxim Integrated Products MAX14521E Datasheet HTML 8Page - Maxim Integrated Products MAX14521E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Quad, High-Voltage EL Lamp Driver
with I2C Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, total CLAMP = 10nF, CCS = 3.3nF, tapped inductor = 2.3µH/115µH, 1:7 ratio (ISAT = 0.7A, RS = 1
Ω),
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VDD = 3.7V.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
(All voltages referenced to GND, unless otherwise noted.)
VDD ........................................................................-0.3V to +6.0V
CS, EL1, EL2, EL3, EL4, COM..............................-0.3V to +160V
LX ...........................................................................-0.3V to +33V
RB, A0, A1, AUX....................................................-0.3V to +6.0V
SCL, SDA....................................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24-Pin TQFN-EP (derate 27.8mW/°C above +70°C)..2222mW
Package Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ........................................................................36°C/W
Package Junction-to-Case Thermal Resistance (
θJC)
(Note 1) ..........................................................................3°C/W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VDD
2.7
5.5
V
Battery Voltage
VBAT
(Note 3)
13.2
V
Input Supply Current
IDD
All channels on, 300VP-P, fEL = 200Hz, sine-
wave output shape
350
900
µA
TA = +25°C
25
100
Shutdown Supply Current
ISHDN
RB, A0, A1 = 0V or VDD;
SCL = SDA = GND or
VDD; not toggling
TA = -40°C to
+85°C
300
nA
Shutdown Tapped-Inductor
Supply Current
ILX_SHDN
2100
nA
Undervoltage Lockout
VUV
VDD rising
1.6
2.0
2.5
V
UVLO Hysteresis
VUV_HYST
70
mV
EL OUTPUTS (EL_, COM)
VEL_ - VCOM; EL_ _[4:0] = 01000; VDD = 3.7V
66
78
90
VEL_ - VCOM; EL_ _[4:0] = 10000; VDD = 3.7V
136
154
172
Peak-to-Peak Output Voltage
VP-P
VEL_ - VCOM; EL_ _[4:0] = 11111; VDD = 3.7V
268
300
320
V
Max Average Output Voltage
VAVG
VEL_ - VCOM
1V
EL_ High-Side Switch
On-Resistance
RONHS_EL_
1270
Ω
EL_ Low-Side Switch
On-Resistance
RONLS_EL_
700
Ω
COM High-Side Switch
On-Resistance
RONHS_COM
390
Ω
COM Low-Side Switch
On-Resistance
RONLS_COM
175
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com