Electronic Components Datasheet Search
  English  ▼

X  

S101DH2 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S101DH2
Description  16-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101DH2 Datasheet(HTML) 4 Page - Sharp Corporation

  S101DH2 Datasheet HTML 1Page - Sharp Corporation S101DH2 Datasheet HTML 2Page - Sharp Corporation S101DH2 Datasheet HTML 3Page - Sharp Corporation S101DH2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S101DH1/S101DH2/S201DH1/S201DH2
Forward current I F ( mA )
20
20
10
30
40
50
100
10
30
40
50
100
Forward current I F ( mA )
20
30
100
10
30
40
50
100
20
40
50
200
( Typical Value)
(S101DH2, S201DH2)
( Typical Value )
Fig.10 Turn-on Time vs. Forward Current
Fig.11 Turn-on Time vs. Forward Current
( S201DH1)
V D =6V
RL = 100Ω
Ta = 25˚C
V D =6V
RL = 100Ω
Ta = 25˚C
q Please refer to the chapter “ Precautions for Use.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com