Electronic Components Datasheet Search
  English  ▼

X  

BAT46W Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAT46W
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAT46W Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAT46W Datasheet HTML 1Page - Diotec Semiconductor BAT46W Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT46W
BAT46W
Surface Mount Schottky Barrier Diodes
Schottky-Barrier-Dioden für die Oberflächenmontage
Version 2009-10-29
Dimensions - Maße [mm]
Power dissipation – Verlustleistung
200 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
100 V
Plastic case – Kunststoffgehäuse
SOD-123
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BAT46W
Power dissipation − Verlustleistung
Ptot
200 mW 1)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
150 mA 1)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
350 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 10 ms
IFSM
750 mA
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
100 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+125°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
IF = 0.1 mA
IF = 10 mA
IF = 250 mA
VF
VF
VF
< 0.25 V
< 0.45 V
< 1 V
Leakage current – Sperrstrom 2)
VR = 1.5 V
VR = 10 V
VR = 50 V
VR = 75 V
IR
IR
IR
IR
< 0.5 µA
< 0.8 µA
< 2 µA
< 5 µA
Leakage current – Sperrstrom 2)
Tj = 60°C
VR = 1.5 V
VR = 10 V
VR = 50 V
VR = 75 V
IR
IR
IR
IR
< 5 µA
< 7.5 µA
< 15 µA
< 20 µA
Total capacitance
Gesamtkapazität
f = 1 Mhz
VR = 0 V
VR = 1 V
CT
CT
typ. 20 pF
typ. 12 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.6
3.8
2.7
0.1
Type
Code


Similar Part No. - BAT46W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
General Semiconductor
BAT46W GE-BAT46W Datasheet
39Kb / 2P
Schottky Diodes
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
356Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT46W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com