Electronic Components Datasheet Search
  English  ▼

X  

BC859 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC859
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC859 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC859 Datasheet HTML 1Page - Diotec Semiconductor BC859 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC856 ... BC860
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Base-Emitter-voltage – Basis-Emitter-Spannung 2)
- VCE = 5 V, IC = - 2 mA
- VCE = 5 V, IC = - 10 mA
- VBE
- VBE
600 mV
–
–
–
750 mV
720 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 30 V, (E open)
- VCE = 30 V, Tj = 125°C, (E open)
- ICBO
- ICBO
–
–
–
–
15 nA
4 µA
Emitter-Base cutoff current
- VEB = 5 V, (C open)
- IEBO
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
- VCE = 5 V, - IC = 10 mA, f = 100 MHz
fT
100 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
–
–
4.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEB0
–
9 pF
–
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 200 µA
RG = 2 kΩ, f = 1 kHz, Δf = 200 Hz
BC856 ... BC858
BC859 ... BC860
F
F
–
–
2 dB
1.2 dB
10 dB
4 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC846 ... BC850
Marking of available current gain groups
Stempelung der lieferbaren
Stromverstärkungsgruppen
BC856A = 3A
BC856B = 3B
BC857A = 3E
BC857B = 3F
BC857C = 3G
BC860B = 3F
BC860C
= 3G or 4G
BC858A = 3E
BC858B = 3F
BC858C = 3G
BC859B = 3F
BC859C
= 3G or 4C
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com