Electronic Components Datasheet Search
  English  ▼

X  

S11MD4T Datasheet(PDF) 1 Page - Sharp Corporation

Part # S11MD4T
Description  Phototriac Coupler with Built-in Zero-cross Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD4T Datasheet(HTML) 1 Page - Sharp Corporation

  S11MD4T Datasheet HTML 1Page - Sharp Corporation S11MD4T Datasheet HTML 2Page - Sharp Corporation S11MD4T Datasheet HTML 3Page - Sharp Corporation S11MD4T Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S11MD4V/S11MD4T
S11MD4V/S11MD4T
s Features
s Applications
1. For triggering medium/high power triacs
∗1 50Hz sine wave
∗3 For 10 seconds
f = 60Hz
s Absolute Maximum Ratings
( Ta = 25˚C)
s Outline Dimensions
( Unit : mm)
S11MD4V
Anode
mark
S11MD4V
θ
θ
S11MD4T
S11MD4T
Internal connection
diagram
Zero-cross
circuit
Internal connection
diagram
Zero-cross
circuit
Anode
mark
1
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
6
12
3
4
6
1 Anode
2 Cathode
3 NC
4 Anode/
Cathode
5 No exter-
nal con-
nection
6 Anode/
Cathode
1 Anode
2 Cathode
3 NC
4 Anode/
Cathode
6 Anode/
Cathode
1. Pin No. 5 completely molded for external
3. Built-in zero-cross circuit
4. High repetitive peak OFF-state voltage
(VDRM : MIN. 400V )
g S11MD4V and S11MD4T are for 100V
lines.
Parameter
Symbol
Rating
Unit
S11MD4V/S11MD4T
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Output
RMS ON-state
current
IT
0.1
surge current
∗1Peak one cycle
Isurge
1.2
A
Repetitive peak
OFF-state voltage
VDRM
400
V
*2 Isolation voltage
Viso
Operating temperature
Topr
˚C
Storage temperature
Tstg
- 55 to +125
˚C
∗3Soldering temperature
Tsol
260
˚C
Phototriac Coupler with
Built-in Zero-cross Circuit
noise resistance (S11MD4T)
2. Dual-in-line package type (S11MD4V)
Viso
5. Isolation voltage between input and output
∗2 40 to 60% RH, AC for 1 minute,
6. Recognized by UL, file No.E64380
5 000
- 30 to +100
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
: 5 000Vrms (S11MD4V/S11MD4T )
Arms
Vrms
θ : 0 to 13 ˚
2.54± 0.25
0.9± 0.2
1.2±0.3
7.62±0.3
0.26±0.1
0.5± 0.1
7.12±0.5
θ : 0 to 13 ˚
0.9±0.2
1.2±0.3
2.54±0.25
7.12±0.5
7.62±0.3
0.26± 0.1
0.5± 0.1


Similar Part No. - S11MD4T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
Mini-flat Type Phototriac Coupler
S11MD7T SHARP-S11MD7T Datasheet
62Kb / 5P
Low Input Driving Type Phototriac Coupler
S11MD8T SHARP-S11MD8T Datasheet
62Kb / 5P
Low Input Driving Type Phototriac Coupler
S11MD9T SHARP-S11MD9T Datasheet
62Kb / 5P
Low Input Driving Type Phototriac Coupler
More results

Similar Description - S11MD4T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD4V SHARP-S21MD4V Datasheet
48Kb / 4P
Built-in Zero-cross Circuit, High Noise Resistance Type Phototriac Coupler
S21MD6T SHARP-S21MD6T Datasheet
56Kb / 4P
Built-in Zero-cross Circuit Phototriac Coupler
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com