Electronic Components Datasheet Search
  English  ▼

X  

BAV19WS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV19WS
Description  Surface Mount Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV19WS Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV19WS_11 Datasheet HTML 1Page - Diotec Semiconductor BAV19WS_11 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV19WS...BAV21WS
BAV19WS...BAV21WS
Surface Mount Small Signal Diodes
Kleinsignal-Dioden für die Oberflächenmontage
Version 2011-09-27
Dimensions - Maße [mm]
Power dissipation – Verlustleistung
200 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
120...250 V
Plastic case – Kunststoffgehäuse
~ SOD-323
Weight approx. – Gewicht ca.
0.005 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25° C)
Grenzwerte (TA = 25° C)
BAV19WS, BAV20WS, BAV21WS
Power dissipation − Verlustleistung
Ptot
200 mW 1)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
200 mA 1)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
625 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
0.5 A
2.5 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
BAV19WS
BAV20WS
BAV21WS
VRRM
VRRM
VRRM
120 V
200 V
250 V
Continuous reverse voltage
Sperrspannung
BAV19WS
BAV20WS
BAV21WS
VR
VR
VR
100 V
150 V
200 V
Junction temperature – Sperrschichttemperatur
Tj
+150° C
Storage temperature – Lagerungstemperatur
TS
- 55…+150° C
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com
1
2.5±0.2
Type
Code
1.7±0.1


Similar Part No. - BAV19WS_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS_1 Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
BAV19WS DIODES-BAV19WS_10 Datasheet
79Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
logo
Taiwan Semiconductor Co...
BAV19WS TSC-BAV19WS_10 Datasheet
251Kb / 3P
410mW High Voltage SMD Switching Diode
logo
TAITRON Components Inco...
BAV19WS TAITRON-BAV19WS_10 Datasheet
213Kb / 6P
Two Terminals SMD Switching Diodes
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
More results

Similar Description - BAV19WS_11

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
LS4148 DIOTEC-LS4148_07 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com