Electronic Components Datasheet Search
  English  ▼

X  

CHDR1503 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CHDR1503
Description  Dynamic Receiver (Hearing Aid)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CHDR1503 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CHDR1503 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dynamic
Receiver (Hearing Aid)
CHDR1503
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CHDR1303
CHDR2004
CHDR1303D104AZ
104
3
±
32
10%
±
240m
Solder Pad
Metal
1
YES
Canopus Part no.
Sensitivity
At 1KHz
(dB)
Input At
1Khz
Terminal
Housing
Weight
(g)
HAC
Compatible
AC Impedance
At 1KHz
(
Ω)
CHDR1503D114AZ
114
3
±
350mV
1.4
YES
32
15%
±
Solder Pad
Metal
Canopus Part no.
Sensitivity
At 1KHz
(dB)
Input At
1Khz
Terminal
Housing
Weight
(g)
HAC
Compatible
AC Impedance
At 1KHz
(
Ω)
CHDR2004G088BZ
CHDR2004G093BW
CHDR2004G110BZ
88
3
93
3
110
3
±
±
±
60mV
60mV
500mV
Solder Pad
Leadwire
Solder Pad
3
8
2.4
YES
YES
YES
150
20%
150
20%
150
20%
±
±
±
ABS
ABS
ABS
Canopus Part no.
Sensitivity
At 1KHz
(dB)
Input At
1Khz
Terminal
Housing
Weight
(g)
HAC
Compatible
AC Impedance
At 1KHz
(
Ω)


Similar Part No. - CHDR1503

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CHD-38-30001 MACOM-CHD-38-30001 Datasheet
49Kb / 2P
Mid- To Low-Priced CMOS IC Time Delay Relay
CHD-38-30003 MACOM-CHD-38-30003 Datasheet
49Kb / 2P
Mid- To Low-Priced CMOS IC Time Delay Relay
CHD-38-30021 MACOM-CHD-38-30021 Datasheet
49Kb / 2P
Mid- To Low-Priced CMOS IC Time Delay Relay
logo
DAICO Industries, Inc.
CHD01940 DAICO-CHD01940 Datasheet
39Kb / 1P
Switch-Attenuator Amplifier HDMIC
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
Output Signal Distribution Unit
More results

Similar Description - CHDR1503

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CDR2505 CANOPUS-CDR2505 Datasheet
997Kb / 1P
Dynamic Receiver
CDR3111 CANOPUS-CDR3111 Datasheet
737Kb / 1P
Dynamic Receiver
logo
DB Lectro Inc
DR08AMW32 DBLECTRO-DR08AMW32 Datasheet
987Kb / 6P
Dynamic Receiver
logo
Pepperl+Fuchs Inc.
CM-12 PF-CM-12 Datasheet
335Kb / 2P
Mounting aid
CM-18 PF-CM-18 Datasheet
336Kb / 2P
Mounting aid
MH02-L PF-MH02-L Datasheet
1Mb / 2P
Mounting aid
MH04-3505 PF-MH04-3505 Datasheet
468Kb / 1P
Mounting aid
MH05-SACB-4 PF-MH05-SACB-4 Datasheet
281Kb / 1P
Mounting aid
MH05-SACB-8 PF-MH05-SACB-8 Datasheet
270Kb / 1P
Mounting aid
MHW11 PF-MHW11 Datasheet
134Kb / 1P
Mounting aid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com