Electronic Components Datasheet Search
  English  ▼

X  

CMB1005 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMB1005
Description  Magnetic Buzzer (DC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMB1005 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMB1005 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic
Buzzer (DC)
CMT0904-X
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMB1005
2500 200
±
Resonant
Frequency
(Hz)
76 at 10cm
Min Sound
Output
(dBA)
CMB1005EC25NP
3 ~ 7
5
25
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Tone
Nature
-25 ~ +70
Operating
Tempature
( C)
o
Noryl
Housing
Pin
Terminal
1
Weight
(g)
CMB1206
2300 300
±
Resonant
Frequency
(Hz)
85 at 10cm
Min Sound
Output
(dBA)
CMB1206EC23NP
4 ~ 7
5
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Tone
Nature
-40 ~ +92
Operating
Tempature
( C)
o
Noryl
Housing
Pin
Terminal
2
Weight
(g)
CMB1207
±
2300 3400
±
2300 400
±
3100 300
±
2300 400
±
3100 300
±
Resonant
Frequency
(Hz)
76 at 10cm
83 at 10cm
83 at 10cm
83 at 10cm
83 at 10cm
83 at 10cm
M in Sound
Output
(dBA)
CM B1207AC23NP
CM B1207CC23NP
CM B1207EC23NP
CM B1207EC31NP
CM B1207HC23NP
CM B1207HC31NP
1.4 ~ 2
2 ~ 5
3 ~ 7
3 ~ 7
9 ~ 15
9 ~ 15
1.5
3
3
3
12
12
25
30
30
30
30
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
M ax Rated
Current
(m A)
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Tone
Nature
-40 ~ +86
-40 ~ +87
-40 ~ +89
-40 ~ +88
-40 ~ +91
-40 ~ +90
Operating
Tem pature
( C)
o
Noryl
Noryl
Noryl
Noryl
Noryl
Noryl
Housing
Pin
Pin
Pin
Pin
Pin
Pin
Term inal
1
1
1
1
1
1
Weight
(g)
2300 500


Similar Part No. - CMB1005

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
CMB120-3 BELIMO-CMB120-3 Datasheet
815Kb / 2P
On/Off, Floating Point, Non-Spring Return, AC 100...240 V
logo
Canopus Electronics (H....
CMB1207-X CANOPUS-CMB1207-X Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
CMB1207EC23NPX CANOPUS-CMB1207EC23NPX Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
CMB1209 CANOPUS-CMB1209 Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
CMB1209AC23NP CANOPUS-CMB1209AC23NP Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
More results

Similar Description - CMB1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
magnetic buzzer
logo
Canopus Electronics (H....
CMB1207-X CANOPUS-CMB1207-X Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
CMB2814 CANOPUS-CMB2814 Datasheet
866Kb / 1P
Magnetic Buzzer (DC)
CSMB1307 CANOPUS-CSMB1307 Datasheet
536Kb / 1P
Magnetic Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com