Electronic Components Datasheet Search
  English  ▼

X  

CLS7723 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CLS7723
Description  Loud Speaker & Notebook Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CLS7723 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CLS7723 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Loud Speaker &
Notebook Speaker
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
Loud Speaker
Notebook Speaker
C L S 2 8 1 1
C L S 3 4 1 9
C L S 4 0 0 6
C L S 4 5 1 0
C L S 5 0 1 2
C L S 5 7 1 9
C L S 6 6 1 2
C L S 7 7 2 3
W id th
( m m )
H eig h t
(m m )
S o u n d
O u tp u t
( d B )
Rated Po w er
( W )
M ax. Po w er
( W )
C L S 2 8 1 1 A 0 4 5 B E Q
C L S 3 4 1 9 A 0 2 4 B E Q
C L S 4 0 0 6 A 0 7 0 A Z
C L S 4 5 1 0 A 0 4 0 A E
C L S 5 0 1 2 A 0 4 5 A E
C L S 5 7 1 9 A 0 4 0 A E
C L S 6 6 1 2 A 0 3 8 A E
C L S 7 7 2 3 A 0 2 8 A E
2 8
3 4
-
-
-
-
-
-
1 0 .8
1 9 .5
6 .5 5
9 .7
1 2 .2
1 9 .5
1 2 .5
2 2 .8
9 0
3
8 3
3
9 2
3
9 1
3
8 5
3
8 5
3
9 5
3
8 5
3
±
±
±
±
±
±
±
±
8
1 0 %
8
1 0 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
±
±
±
±
±
±
±
±
2
2
0 .5
0 .5
1
0 .2
0 .5
1
3
3
0 .8
1
1 .5
0 .4
0 .8
1 .5
C an o p u s Part n o.
A C
Im p ed an ce
( )
Reso n an ce
F req u en cy
( f0 ) ( H z )
Resp o se
F req u en cy
f0 ~ ( H z )
H o u sin g
Term in al
W eig h t
( g )
2 8
3 4
4 0
4 5 .2
5 0
5 7
6 6
7 7
4 5 0
2 4 0
7 0 0
4 0 0
4 5 0
4 0 0
3 8 0
2 8 0
2 0 K
2 0 K
4 .8 K
8 K
5 K
5 K
4 K
1 2 K
A B S
A B S
M etal
M etal
M etal
M etal
M etal
M etal
Plate
Plate
S o ld er Pad
Plate
Plate
Plate
Plate
Plate
1 7 .3
1 8 .4
9 .1
1 1
1 4 .8
2 9 .3
1 7 .2
3 5 .4 5
C N S 2 5 0 5
C N S 3 5 0 5
C N S 4 0 0 6
C N S 7 1 3 2
C N S 9 0 4 0
W id th
( m m )
H eig h t
(m m )
S ou n d
O u tp u t
( d B )
Rated Pow er
( W )
M ax. Pow er
( W )
C N S 2 5 0 5 A 0 9 0 B Z R
C N S 3 5 0 5 E 0 6 0 B Z R
C N S 4 0 0 6 A 0 4 5 A Z R
C N S 7 1 3 2 B 0 3 0 A E R
C N S 9 0 4 0 A 0 2 4 A E R
1 4 .9
1 6
2 0
4 0 .2
5 0
5
5 .5
5 .8
3 2
4 0 .5
8 2
3
7 6
3
8 9
3
9 0
3
8 6
3
±
±
±
±
±
8
1 0 %
4
1 0 %
8
1 5 %
1 6
1 5 %
8
1 5 %
±
±
±
±
±
0 .5
0 .1
1
2
5
1
1
2
3
8
C an op u s Part n o.
A C
Im p ed an ce
( )
Reson an ce
F req u en cy
( f0 ) ( H z )
Resp ose
F req u en cy
f0 ~ ( H z )
H ou sin g
Term in al
W eig h t
( g )
2 4 .9
3 5
4 0
7 1
9 0
9 0 0
6 0 0
4 5 0
3 0 0
2 4 0
2 0 K
2 0 K
2 0 K
2 0 K
1 8 K
A B S
A B S
M etal
M etal
M etal
S old er Pad
S old er Pad
S old er Pad
Plate
Plate
2
2 .2
7 .6
2 0
1 0 5


Similar Part No. - CLS7723

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
General Power Transformer
CLS7D14 SUMIDA-CLS7D14 Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CLS7723

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH7821BFP-Y ETC1-BH7821BFP-Y Datasheet
96Kb / 2P
Headphone/Speaker amplifier for notebook PC
logo
Gamewell-FCI by Honeywe...
71768 GAMEWELL-FCI-71768 Datasheet
38Kb / 2P
SUPERVISED LOUD SPEAKER
logo
CUI INC
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0301K CUI-GC0301K Datasheet
163Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0401K CUI-GC0401K Datasheet
922Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0401S CUI-GC0401S Datasheet
96Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351P-1 CUI-GC0351P-1 Datasheet
595Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351P-3 CUI-GC0351P-3 Datasheet
557Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0402MA CUI-GC0402MA Datasheet
120Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com