Electronic Components Datasheet Search
  English  ▼

X  

CL20M45 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # CL20M45
Description  Current Limiting Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CL20M45 Datasheet(HTML) 1 Page - Diotec Semiconductor

  CL20M45 Datasheet HTML 1Page - Diotec Semiconductor CL20M45 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CL20M45 ... CL40M45
CL20M45 ... CL40M45
Current Limiting Diodes
Strom-Begrenzer-Dioden
Version 2011-07-11
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
1 W
Nominal Limiting Current
Nominaler Begrenzerstrom
20 ... 40 mA
Plastic case
Kunststoffgehäuse
~ SMB
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics 1)
Grenz- und Kennwerte 1)
Type
Typ
Regulator current
Begrenzerstrom
at/bei VT = 10 V
[mA]
Temperature
Coefficient
Temperatur-
koeffizient
Reverse
voltage
Sperr-
spannung
Limiting voltage
Grenzspannung
at/bei IL = 80% IP
Peak operating
voltage
Maximale
Arbeitsspannung
IPmin
IPnom
IPmax
αIP [10-4 /°C]
VR [V]
VL [V]
VAK [V]
CL20M45
17
20
23
–26…–22
0.5
4.5
45
CL40M45
34
40
46
–26…–22
0.5
4.5
45
Power dissipation
Verlustleistung
TA = 50°C
Ptot
1 W 2)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal Resistance Junction – Ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
<50 K/W 2)
Thermal Resistance Junction – Terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
<15 K/W
1
Definition see curve next page – Definition siehe Kurve nächste Seite
2
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
4.6
± 0.5
5.4± 0.5
0.15


Similar Part No. - CL20M45

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
99Kb / 2P
Current Limiting Diodes
CL20M45 DIOTEC-CL20M45 Datasheet
143Kb / 2P
SMD Current Limiting Diodes
More results

Similar Description - CL20M45

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35 Datasheet
100Kb / 2P
Current Limiting Diodes
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
Central Semiconductor C...
PB-CMJ0130-CMJH180_1509 CENTRAL-PB-CMJ0130-CMJH180_1509 Datasheet
1Mb / 2P
Current Limiting Diodes
logo
Diotec Semiconductor
CL15M35 DIOTEC-CL15M35_14 Datasheet
100Kb / 2P
Current Limiting Diodes
CL15M45 DIOTEC-CL15M45 Datasheet
99Kb / 2P
Current Limiting Diodes
CL10MD DIOTEC-CL10MD Datasheet
142Kb / 2P
SMD Current Limiting Diodes
CL15M35 DIOTEC-CL15M35_17 Datasheet
143Kb / 2P
SMD Current Limiting Diodes
CL15M45 DIOTEC-CL15M45_17 Datasheet
143Kb / 2P
SMD Current Limiting Diodes
CL10MD DIOTEC-CL10MD_18 Datasheet
143Kb / 3P
SMD Current Limiting Diodes
CL05M6F DIOTEC-CL05M6F Datasheet
125Kb / 2P
SMD Current Limiting Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com