Electronic Components Datasheet Search
  English  ▼

X  

S12MD3 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S12MD3
Description  Photothyristor Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S12MD3 Datasheet(HTML) 2 Page - Sharp Corporation

  S12MD3 Datasheet HTML 1Page - Sharp Corporation S12MD3 Datasheet HTML 2Page - Sharp Corporation S12MD3 Datasheet HTML 3Page - Sharp Corporation S12MD3 Datasheet HTML 4Page - Sharp Corporation S12MD3 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S12MD1V/S12MD3
s Absolute Maximum Ratings
(Ta = 25˚C)
s Electro-optical Characteristics
( Ta = 25˚C)
∗2 RG = 20kΩ∗4 For 10 seconds
Parameter
Symbol
Rating
Unit
S12MD1V
S12MD3
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Output
IT
200
Isurge
2A
VDRM
400
V
∗2 Repetitive peak reverse voltage
VRRM
400
-
V
∗3 Isolation voltage
Viso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 40 to + 125
˚C
∗4 Soldering temperature
T sol
260
˚C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF = 30mA
-
1.2
1.4
V
Reverse current
IR
V R =3V
-
-
10-5
A
Output
I DRM
V DRM = Rated, RG = 20k
Ω
--
10-6
A
∗5Repetitive peak reverse current
I RRM
V RRM = Rated, RG = 20k
Ω
--
10-6
A
VT
IT = 200mA
-
1.0
1.4
V
Holding current
IH
V D = 6V, RG = 20k
Ω
-
0.3
1
mA
3-
-
V/
µ s
Minimum trigger current
I FT
VD = 6V, R L = 100
Ω , RG = 20kΩ
-
-
15
mA
Isolation resistance
R ISO
5x1010
1011
-
Ω
Turn-on time
t on
VD = 6V, I F = 30mA, RG = 20k
Ω ,
RL = 100
Ω
-
µs
VDRM = 1/
Rated, RG = 20k
Ω
2
RMS ON-state current
∗1 Peak one cycle surge current
∗2 Repetitive peak OFF-state voltage
Repetitive peak OFF-state current
ON-state voltage
Critical rate of rise of OFF-state voltage
∗5 Applies only to S12MD1V
Transfer-
charac-
teristics
- 30
0
20406080
100
0
Ambient temperature T a (˚C)
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
- 30
0
25
50
75
100
125
0
10
20
30
40
50
60
70
Fig. 2 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
10
60
100
200
∗1 50Hz, sine wave
∗3 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
mArms
Vrms
5 000
1 500
dV/dt
S12MD1V
S12MD3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com