Electronic Components Datasheet Search
  English  ▼

X  

CMEB2421 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMEB2421
Description  Mechanical Buzzer (DC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMEB2421 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMEB2421 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical
Buzzer (DC)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMEB2418
CMEB2320
Fundamental
Frequency
(Hz)
75 at 10cm
78 at 10cm
Min Sound
Output
(dBA)
CMEB2320J00BE
CMEB2320K00BE
70~150VAC
160~260VAC
110VAC
230VAC
25
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Tone
Nature
-25 ~ +75
-25 ~ +75
Operating
Tempature
( C)
o
ABS
ABS
Housing
20
20
Weight
(g)
-
-
400 100
±
400 100
±
400 100
±
Fundamental
Frequency
(Hz)
95 at 10cm
95 at 10cm
95 at 10cm
Min Sound
Output
(dBA)
CMEB2418F04BW
CMEB2418H04BW
CMEB2418I04BW
4 ~ 8
7 ~ 16
20 ~ 28
6
12
24
33
23
21
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Tone
Nature
-20 ~ +60
-20 ~ +60
-20 ~ +60
Operating
Tempature
( C)
o
ABS
ABS
ABS
Housing
17
17
17
Weight
(g)
CMEB2421
Fundamental
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)
83 at 10cm
CMEB2421K00TE
160~260VAC
230VAC
30
Continuous
-20 ~ +60
PBT
34
-


Similar Part No. - CMEB2421

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMEB2315 CANOPUS-CMEB2315 Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB2315A04BW CANOPUS-CMEB2315A04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB2315C04BW CANOPUS-CMEB2315C04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB2315F04BW CANOPUS-CMEB2315F04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB2315G04BW CANOPUS-CMEB2315G04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
More results

Similar Description - CMEB2421

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMB1005 CANOPUS-CMB1005 Datasheet
730Kb / 1P
Magnetic Buzzer (DC)
CMB2814 CANOPUS-CMB2814 Datasheet
866Kb / 1P
Magnetic Buzzer (DC)
CMEB1713 CANOPUS-CMEB1713 Datasheet
482Kb / 1P
Mechanical Buzzer (DC)
CMEB1715 CANOPUS-CMEB1715 Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB2619 CANOPUS-CMEB2619 Datasheet
643Kb / 1P
Mechanical Buzzer (DC)
CPB1208 CANOPUS-CPB1208 Datasheet
784Kb / 1P
Piezo Buzzer (DC)
CPB3015 CANOPUS-CPB3015 Datasheet
758Kb / 1P
Piezo Buzzer (DC)
CPB3207 CANOPUS-CPB3207 Datasheet
790Kb / 1P
Piezo Buzzer (DC)
CPB4333-H CANOPUS-CPB4333-H Datasheet
651Kb / 1P
Piezo Buzzer (DC)
logo
Soberton Inc.
MB-2317 SOBERTON-MB-2317 Datasheet
227Kb / 5P
MB MECHANICAL BUZZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com